| Moteur de recherche de fiches techniques de composants électroniques |
|
LTM4601 Fiches technique(PDF) 27 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTM4601 Fiches technique(HTML) 27 Page - Linear Technology |
|
27 / 28 page ![]() LTM4601/LTM4601-1 27 4601f PACKAGE DESCRIPTIO PIN NAME A1 A2 A3 A4 A5 A6 VIN VIN VIN VIN VIN VIN B1 B2 B3 B4 B5 B6 VIN VIN VIN VIN VIN VIN C1 C2 C3 C4 C5 C6 VIN VIN VIN VIN VIN VIN Pin Assignment Tables (Arranged by Pin Function) PIN NAME D1 D2 D3 D4 D5 D6 PGND PGND PGND PGND PGND PGND E1 E2 E3 E4 E5 E6 E7 PGND PGND PGND PGND PGND PGND PGND F1 F2 F3 F4 F5 F6 F7 F8 F9 PGND PGND PGND PGND PGND PGND PGND PGND PGND G1 G2 G3 G4 G5 G6 G7 G8 G9 PGND PGND PGND PGND PGND PGND PGND PGND PGND H1 H2 H3 H4 H5 H6 H7 H8 H9 PGND PGND PGND PGND PGND PGND PGND PGND PGND PIN NAME J1 J2 J3 J4 J5 J6 J7 J8 J9 J10 VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT K1 K2 K3 K4 K5 K6 K7 K8 K9 K10 K11 VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT L1 L2 L3 L4 L5 L6 L7 L8 L9 L10 L11 VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT M1 M2 M3 M4 M5 M6 M7 M8 M9 M10 M11 VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT VOUT PIN NAME A7 A8 A9 A10 A11 A12 INTVCC PLLIN TRACK/SS RUN COMP MPGM B12 fSET C12 MARG0 D12 MARG1 E12 DRVCC F12 VFB G12 PGOOD H12 SGND J12 VOSNS + K12 DIFFVOUT L12 VOUT_LCL M12 VOSNS – PIN NAME B7 B8 B9 B10 B11 - - - - - C7 C8 C9 C10 C11 - - - - - D7 D8 D9 D10 D11 - - - - - E8 E9 E10 E11 - - - - F10 F11 - - G10 G11 - - H10 H11 - - J11 - Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa- tion that the interconnection of its circuits as described herein will not infringe on existing patent rights. |