Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIL40C2 Fiches technique(PDF) 4 Page - Emerson Network Power

No de pièce SIL40C2
Description  4.5-13.8 Vin Single C-Class Non-Isolated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMERSON-NETWORKPOWER [Emerson Network Power]
Site Internet  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL40C2 Fiches technique(HTML) 4 Page - Emerson Network Power

  SIL40C2 Datasheet HTML 1Page - Emerson Network Power SIL40C2 Datasheet HTML 2Page - Emerson Network Power SIL40C2 Datasheet HTML 3Page - Emerson Network Power SIL40C2 Datasheet HTML 4Page - Emerson Network Power SIL40C2 Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev.07.02.08
SIL40C2
4 of 5
Embedded Power for
Business-Critical Continuity
Mechanical Drawings
Dimensionsininches(mm).Tolerances(unlessotherwisespecified)2Places±0.030(±0.76)3Places±0.010(±0.25)
Vertical Mount
Horizontal Mount
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
2 Places ±0.030 (±0.76)
3 Places ±0.010 (±0.25)
0.100 (2.54)
1.050 (26.67)
9 PLACES
1.100 (27.94)
1.200 (30.48)
0.050 (1.27) REF
0.140 (3.56) TYP
PIN 1
0.050 (1.27) TYP
0.255 (6.48)
0.110 (2.79)
0.427 (10.85)
0.025 (0.64) ±.001
SQ PINS TYP
0.062 (1.57) REF
0.100 (2.54) TYP
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
2 Places ±0.030 (±0.76)
3 Places ±0.010 (±0.25)
1.100 (27.94)
1.200 (30.48)
PIN 1
0.255 (6.48)
0.110 (2.79) REF
0.468 (11.89)
0.062 (1.57) REF
.150 (3.81) TYP
0.025 (0.64) ±.001
SQ PINS TYP
13 PLACES
2X 1.050 (26.67)
0.100 (2.54) REF
0.050 (1.27) REF
1.000 (25.40)
2X
0.050 (1.27)
0.100 (2.54) TYP
9 PLACES
Pin Assignments
Pin No. Function
1
Vout
2
Vout
3
Vout
4
Trim
5
Enable
6
PowerGood
7
Ground
8
Ground
9
(+)Sense
10
Vin
11
Vin
12
*Mechsupport
13
*Mechsupport
*HorizontalandSMTversiononly



Html Pages

1 2 3 4 5