| Moteur de recherche de fiches techniques de composants électroniques |
|
LTM8021 Fiches technique(PDF) 15 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTM8021 Fiches technique(HTML) 15 Page - Linear Technology |
|
15 / 16 page ![]() LTM8021 15 8021fb Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa- tion that the interconnection of its circuits as described herein will not infringe on existing patent rights. PACKAGE DESCRIPTION LTM8021 Pinout (Sorted by Pin Number) PIN SIGNAL DESCRIPTION A1 RUN/SS A2 ADJ A4 VIN A5 VIN B1 GND B2 GND B4 VIN B5 VIN C1 GND C2 GND D1 GND D2 GND D3 GND D4 GND D5 GND E1 GND E2 GND E3 GND E4 GND E5 GND F1 GND F2 GND F3 VOUT F4 VOUT F5 VOUT G1 GND G2 GND G3 VOUT G4 VOUT G5 VOUT H1 GND H2 GND H3 BIAS H4 VOUT H5 VOUT |