Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PTH03050YAS Fiches technique(PDF) 4 Page - Emerson Network Power

No de pièce PTH03050YAS
Description  DC-DC CONVERTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMERSON-NETWORKPOWER [Emerson Network Power]
Site Internet  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH03050YAS Fiches technique(HTML) 4 Page - Emerson Network Power

  PTH03050YAS Datasheet HTML 1Page - Emerson Network Power PTH03050YAS Datasheet HTML 2Page - Emerson Network Power PTH03050YAS Datasheet HTML 3Page - Emerson Network Power PTH03050YAS Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
File Name: PTHxx050Y.pdf Rev (02): 19 Dec 2005
Please consult our website for the following items:
 Application Note
www.artesyn.com
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
Non-isolated DDR/QDR Memory Bus Termination Module
4
NEW Product
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
2 Places
±0.030 (±0.76)
3 Places
±0.010 (±0.25)
TOP VIEW
SIDE VIEW
0.870 (22.10)
6
3
5
4
1
2
MAX.
0.335 (8.50)
Host Board
0.495
(12.57)
ø0.040 (1.02)
6 Places
0.750 (19.06)
0.125
(3.18)
0.125
(3.18)
0.125
(3.18)
(1.52)
0.060
(9.52)
0.375
(1.52)
0.060
(3.55)
0.140
Lowest Component
0.010 min. (0.25)
Bottom side Clearance
0.070 (1.78)
(Standoff Shoulder)
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
2 Places
±0.030 (±0.76)
3 Places
±0.010 (±0.25)
0.870 (22.10)
0.495
TOP VIEW
SIDE VIEW
4
1
6
Solder Ball
ø
0.040 (1.02)
6 Places
0.750 (19.06)
(1.52)
0.060
(1.52)
0.060
(12.57)
3
(3.18)
0.125
5
2
(3.18)
0.125
0.125
(3.18)
0.375
(9.52)
*After solder reflow
on customer board
0.335 (8.50)
max.*
Host Board
Lowest Component
0.010 min. (0.25)
Bottom side Clearance
Figure 5 - Plated Through-Hole Mechanical Drawing
Figure 6 - Surface-Mount Mechanical Drawing
PTHxx050Y
3.3/5/12 Vin Single Output
*Denotes negative logic:
Open = Normal operation
Ground = Function active
PIN CONNECTIONS
PIN NO.
FUNCTION
1
Ground
2VREF
3Vin
4
Inhibit*
5
N/C
6VTT



Html Pages

1 2 3 4