Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PTH03060YAH Fiches technique(PDF) 4 Page - Emerson Network Power

No de pièce PTH03060YAH
Description  Non-isolated DDR/QDR Memory Bus Termination Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMERSON-NETWORKPOWER [Emerson Network Power]
Site Internet  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH03060YAH Fiches technique(HTML) 4 Page - Emerson Network Power

  PTH03060YAH Datasheet HTML 1Page - Emerson Network Power PTH03060YAH Datasheet HTML 2Page - Emerson Network Power PTH03060YAH Datasheet HTML 3Page - Emerson Network Power PTH03060YAH Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
File Name:
Please consult our website for the following items:
 Application Note
www.artesyn.com
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
Non-isolated DDR/QDR Memory Bus Termination Module
4
NEW Product
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
2 Places
±0.030 (±0.76)
3 Places
±0.010 (±0.25)
0.140
(3.55)
0.354 (9.00)
MAX.
Host Board
TOP VIEW
SIDE VIEW
0.995 (25.27)
0.620
6
7
3
5
4
10
9
8
1
2
ø
0.040 (1.02)
5 Places.
(15.75)
0.125 (3.18)
0.125 (3.18)
(6.35)
0.250
0.060
(1.52)
0.500
(12.70)
(1.52)
0.060
0.375
(9.52)
0.070 (1.78)
(Standoff Shoulder)
Lowest Component
0.010 min. (0.25)
Bottom side Clearance
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
2 Places
±0.030 (±0.76)
3 Places
±0.010 (±0.25)
SIDE VIEW
Solder Ball
ø
0.040 (1.02)
10 Places
TOP VIEW
0.995 (25.27)
0.620
6
7
3
5
4
10
9
8
1
2
(15.75)
0.125 (3.18)
0.125 (3.18)
(6.35)
0.250
0.060
(1.52)
0.500
(12.70)
(1.52)
0.060
0.375
(9.52)
*After solder reflow
on customer board
0.354 (9.00)
max.*
Host Board
Lowest Component
0.010 min. (0.25)
Bottom side Clearance
Figure 5 - Plated Through-Hole Mechanical Drawing
Figure 6 - Surface-Mount Mechanical Drawing
PTHxx060Y
3.3/5/12 Vin Single Output
*Denotes negative logic:
Open = Normal operation
Ground = Function active
PIN CONNECTIONS
PIN NO.
FUNCTION
1
Ground
2
Vin
3
Inhibit*
4
N/C
5
Vo sense
6VTT
7
Ground
8VREF
9
N/C
10
N/C



Html Pages

1 2 3 4