Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PTH03060 Fiches technique(PDF) 4 Page - Emerson Network Power

No de pièce PTH03060
Description  DC-DC CONVERTERS POLA Non-isolated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMERSON-NETWORKPOWER [Emerson Network Power]
Site Internet  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH03060 Fiches technique(HTML) 4 Page - Emerson Network Power

  PTH03060 Datasheet HTML 1Page - Emerson Network Power PTH03060 Datasheet HTML 2Page - Emerson Network Power PTH03060 Datasheet HTML 3Page - Emerson Network Power PTH03060 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
File Name: pth03060.pdf Rev: 28 Jun 2006
Please consult our website for the following items:
 Application Note
www.artesyn.com
Datasheet © Artesyn Technologies® 2006
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
POLA Non-isolated
4
NEW Product
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
2 Places
±0.030 (±0.76)
3 Places
±0.010 (±0.25)
0.140
(3.55)
0.354 (9.00)
MAX.
Host Board
TOP VIEW
SIDE VIEW
0.995 (25.27)
0.620
6
7
3
5
4
10
9
8
1
2
ø
0.040 (1.02)
5 Places.
(15.75)
0.125 (3.18)
0.125 (3.18)
(6.35)
0.250
0.060
(1.52)
0.500
(12.70)
(1.52)
0.060
0.375
(9.52)
0.070 (1.78)
(Standoff Shoulder)
Lowest Component
0.010 min. (0.25)
Bottom side Clearance
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
2 Places
±0.030 (±0.76)
3 Places
±0.010 (±0.25)
SIDE VIEW
Solder Ball
0.040 (1.02)
10 Places
TOP VIEW
0.995 (25.27)
0.620
6
7
3
5
4
10
9
8
1
2
(15.75)
0.125 (3.18)
0.125 (3.18)
(6.35)
0.250
0.060
(1.52)
0.500
(12.70)
(1.52)
0.060
0.375
(9.52)
*After solder reflow
on customer board
0.354 (9.00)
max.*
Figure 1 - Plated Through-Hole Mechanical Drawing
Figure 2 - Surface-Mount Mechanical Drawing
*Denotes negative logic:
Open = Normal operation
Ground = Function active
PIN CONNECTIONS
PIN NO.
FUNCTION
1
Ground
2
Vin
3
Inhibit*
4
Vo adjust
5
Vo sense
6
Vout
7
Ground
8
Track
9
Margin down*
10
Margin up*
PTH03060
3.3 Vin single output



Html Pages

1 2 3 4