| Moteur de recherche de fiches techniques de composants électroniques |
|
NLP110-9617J Fiches technique(PDF) 4 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
NLP110-9617J Fiches technique(HTML) 4 Page - Emerson Network Power |
|
4 / 4 page ![]() 313 process yellow 3405 1797 1375 116 2607 652 242 2985 375 240 Embedded Power for Business-Critical Continuity Rev. 02.10.09_152 NLP110 Series 4 of 4 0.23 (5.842) 6.50 (165.10) 1 T1 (REF.) J4 J1 6.050 (153.670) 2.550 (64.770) ALL DIMENSIONS IN INCHES (mm) J2 J3 1 1 2 12 3.00 (76.20) F1 J5 2 1 0.23 (5.842) ! 3 MAXIMUM COMPONENT HEIGHT IS 1.26 (32.00) Inputandoutputconnectors Matingconnectors AC (J1) connector type Molex26-60-4030orequivalent. valent. AC (J1) mating connector type Molex09-50-3031orequivalentwithMolex08-50-0105 orequivalentcrimpterminals. terminals. DC (J2) connector type 12positionMolexSpoxtype26-48 1125orequivalent. equivalent. DC (J2) mating connector type MolexSpoxtype26-03-3121andcontact08-52-0113. 08-52-0113. Sense (J3) connector type Molex22-23-2021or equivalent. equivalent. Sense (J3) mating connector type Molex22-01-3027andcontact 08-50-0113. t08-50-0113. Earth (J4) connector type Male0.250quick disconnect. ckdisconnect. Earth (J4) mating connector type pe Molex90028. Sense (J5) connector type Leoco 2421P02H000. co2421P02H000. Sense (J5) mating connector type Leoco2420S020000andcontact 2453TPB00V1. ntact2453TPB00V1. 2 3 4 1 Recommendeddirection forforcedairrelativeto power supply orientation shownbelow. 1 Optimum. 2 Verygood. 3 Good. 4 Notrecommended. InputPinConnections J1 Pin1 ACNeutral Pin2 NoConnection Pin3 ACLine J3 Pin1 V(A)Sense+ Pin2 V(A)Sense- J4 Pin1 SafetyEarth J5 Pin1 V(B)Sense+ Pin2 V(B)Sense- Output Pin Connections J2 Single Triple Pin1 NoConnection V(B) Pin2 NoConnection V(B) Pin3 NoConnection V(B) Pin4 Return Return Pin5 Return Return Pin6 Return Return Pin7 Return Return Pin8 V(A) V(A) Pin9 V(A) V(A) Pin10 V(A) V(A) Pin11 NoConnection V(C) Pin12 NoConnection V(C)Return(7 Americas 5810VanAllenWay Carlsbad,CA92008 USA Telephone:+17609304600 Facsimile: +17609300698 Europe (UK) WaterfrontBusinessPark MerryHill,Dudley WestMidlands,DY51LX UnitedKingdom Telephone:+44(0)1384842211 Facsimile: +44(0)1384843355 Asia (HK) 14/F,LuPlaza 2WingYipStreet KwunTong,Kowloon HongKong Telephone:+85221763333 Facsimile: +85221763888 Forglobalcontact,visit: www.PowerConversion.com techsupport.embeddedpower @emerson.com Whileeveryprecautionhasbeentakentoensure accuracyandcompletenessinthisliterature,Emerson NetworkPowerassumesnoresponsibility,anddisclaims allliabilityfordamagesresultingfromuseofthis informationorforanyerrorsoromissions. EmersonNetworkPowerandtheEmerson NetworkPowerlogoaretrademarksand servicemarksofEmersonElectricCo. ©2008EmersonElectricCo. EmersonNetworkPower.com Embedded Computing Embedded Power Monitoring Outside Plant PowerSwitching&Controls Precision Cooling Racks&IntegratedCabinets Services Surge Protection Emerson Network Power. Thegloballeaderinenabling business-criticalcontinuity. ACPower Connectivity DCPower |