Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EXB50 Fiches technique(PDF) 3 Page - Emerson Network Power

No de pièce EXB50
Description  20-50 W High Efficiency DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMERSON-NETWORKPOWER [Emerson Network Power]
Site Internet  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

EXB50 Fiches technique(HTML) 3 Page - Emerson Network Power

  EXB50 Datasheet HTML 1Page - Emerson Network Power EXB50 Datasheet HTML 2Page - Emerson Network Power EXB50 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
EXB50 Series
Single output
DC-DC CONVERTERS
20-50 W High Efficiency DC-DC Converters
3
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items:
 Application Note  Longform Datasheet
www.artesyn.com
File Name: exb50s.pdf Rev (02): 05 Dec 2005
PIN CONNECTIONS
PIN NUMBER
FUNCTION
1-Vin
2
No Pin
3
Remote ON/OFF
4+Vin
5
+Vout
6
+Sense
7
Trim
8
-Sense
9
-Vout
OPEN-FRAME
HEIGHT
STAND-OFFS
4 PLACES
ALL DIMENSIONS IN INCHES (mm)
General Tolerance
±0.010 (0.25)
Unless Otherwise Specified
9
5
8
7
6
4
1
3
Ø
0.040
±0.02
(Ø1.02
±0.05)
1.90
(48.26)
0.19
(4.83)
2.28
±0.02
(57.91
±0.5)
Ø
0.079
±0.002
(Ø2.03
±0.05)
BOTTOM
VIEW



Html Pages

1 2 3