Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC1290CCSW Fiches technique(PDF) 28 Page - Linear Technology

No de pièce LTC1290CCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC1290CCSW Fiches technique(HTML) 28 Page - Linear Technology

Back Button LTC1290CCSW Datasheet HTML 24Page - Linear Technology LTC1290CCSW Datasheet HTML 25Page - Linear Technology LTC1290CCSW Datasheet HTML 26Page - Linear Technology LTC1290CCSW Datasheet HTML 27Page - Linear Technology LTC1290CCSW Datasheet HTML 28Page - Linear Technology LTC1290CCSW Datasheet HTML 29Page - Linear Technology LTC1290CCSW Datasheet HTML 30Page - Linear Technology LTC1290CCSW Datasheet HTML 31Page - Linear Technology LTC1290CCSW Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
28
LTC1290
1290fe
S
APPLICATI
TYPICAL
SNEAK-A-BIT Code for the LTC1290 Using the MC68HC05C4
MNEMONIC
DESCRIPTION
READ –/+:
LDA
#$3F
Load DIN Word for LTC1290 into ACC
JSR
TRANSFER
Read LTC1290 Routine
LDA
$60
Load MSBs from LTC1290 into ACC
STA
$71
Store MSBs in $71
LDA
$61
Load LSBs from LTC1290 into ACC
STA
$72
Store LSBs in $72
RTS
Return
READ +/–:
LDA
#$7F
Load DIN Word for LTC1290 into ACC
JSR
TRANSFER
Read LTC1290 Routine
LDA
$60
Load MSBs from LTC1290 into ACC
STA
$73
Store MSBs in $73
LDA
$61
Load LSBs from LTC1290 into ACC
STA
$74
Store LSBs in $74
RTS
Return
TRANSFER: BCLR 0,$02
CS Goes Low
STA
$0C
Load DIN into SPI, Start Transfer
LOOP 1:
TST
$0B
Test Status of SPIF
BPL
LOOP 1
Loop to Previous Instruction if Not Done
LDA
$0C
Load Contents of SPI Data Reg. into ACC
STA
$0C
Start Next Cycle
STA
$60
Store MSBs in $60
LOOP 2:
TST
$0B
Test Status of SPIF
BPL
LOOP 2
Loop to Previous Instruction if Not Done
BSET 0,$02
CS Goes High
LDA
$0C
Load Contents of SPI Data Reg. into ACC
STA
$61
Store LSBs in $61
RTS
Return
CHK SIGN: LDA
$73
Load MSBs of
± Read into ACC
ORA $74
Or ACC (MSBs) with LSBs of
± Read
BEQ
MINUS
If Result is 0 Go to Minus
CLC
Clear Carry
ROR $73
Rotate Right $73 Through Carry
ROR $74
Rotate Right $74 Through Carry
LDA
$73
Load MSBs of
± Read into ACC
STA
$77
Store MSBs in RAM Location $77
LDA
$74
Load LSBs of
± Read into ACC
STA
$87
Store LSBs in RAM Location $87
BRA END
Go to End of Routine
MINUS:
CLC
Clear Carry
ROR $71
Shift MSBs of
± Read Right
ROR $72
Shift LSBs of
± Read Right
COM $71
1’s Complement of MSBs
COM $72
1’s Complement of LSBs
LDA
$72
Load LSBs into ACC
ADD #$01
Add 1 to LSBs
STA
$72
Store ACC in $72
CLRA
Clear ACC
ADC $71
Add with Carry to MSBs. Result in ACC
STA
$71
Store ACC in $71
STA
$77
Store MSBs in RAM Location $77
LDA
$72
Load LSBs in ACC
STA
$87
Store LSBs in RAM Location $87
END:
RTS
Return
SNEAK-A-BIT Code
DOUT from LTC1290 in MC68HC05C4 RAM
DIN Words for LTC1290
Sign
LSB
MUX Addr.
UNI
MSBF
Word
Length
DIN1
0
0
11
11
11
DIN2
0
1
11
11
11
DIN3
0
0
11
11
11
(ODD/SIGN)
1290 TA06
LOCATION $77
B12
B11
B10
B9
B8
B7
B6
B5
LOCATION $87
B4
B3
B2
B1
B0
Filled with 0s
SNEAK-A-BIT Code for the LTC1290 Using the MC68HC05C4
MNEMONIC
DESCRIPTION
LDA
#$50
Configuration Data for SPCR
STA
$0A
Load Configuration Data into $0A
LDA
#$FF
Configuration Data for Port C DDR
STA
$06
Load Configuration Data into Port C DDR
BSET
0,$02
Make Sure CS is High
JSR
READ –/+
Dummy Read Configures LTC1290
for next read
JSR
READ –/+
Read CH6 with Respect to CH7
JSR
READ –/+
Read CH7 with Respect to CH6
JSR
CHK Sign
Determines which Reading has Valid Data,
Converts to 2’s Complement and
Stores in RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com