| Moteur de recherche de fiches techniques de composants électroniques |
|
ALQ Fiches technique(PDF) 3 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
ALQ Fiches technique(HTML) 3 Page - Emerson Network Power |
|
3 / 3 page ![]() Ø 0.040 (1.00) DIA PINS (3 PLCS) Ø 0.062 (1.57) DIA PINS (4 PLCS) PIN SIDE UP MECHANICAL TOLERANCE ± .002(0.5) ALL DIMENSIONS ARE IN INCHES (MILLIMETERS) PIN PLACEMENT TOLERANCE : ± 0.005(0.127) NOTES: DESIGNATION -Vout PIN NUMBER PIN 1 +Vin Enable -Vout -Vin PIN 2 PIN 3 PIN 4 PIN 5 +Vout PIN 9 +Vout PIN 10 TP7 & TP8 - ARE TEST PADS USE FOR PROGRAMMING THE MODULE. 4 10 5 9 3 2 1 1.48 [37.6] 2.30 [58.4] 0.52 [13.2] CL 1.88 [47.8] 2.00 [50.8] 0.15 [3.8] 0.74 [18.8] 0.30 [7.6] 0.30 [7.6] 0.30 [7.6] 0.60 [15.2] PIN SIDE DOWN SIDE VIEW 0.189[4.8 ] min 0.205[5.2] max RECOMMENDED PAD LAY OUT ?0.063 +0.004 -0 [?1.60 +0.10 -0 ] ?0.071 +0.004 -0 [?1.80 +0.10 -0 ] (3 PLACES) FIN. HOLE SIZE ?0.102 [?2.60] (3 PLACES) PAD SIZE (4 PLACES) PAD SIZE (4 PLACES) FIN. HOLE SIZE 1.88 [47.8] 2.00 [50.8] 0.30 [7.6] ?0.110 [?2.80] 0.60 [15.2] CL Rev. 11.14.08_111 ALQ/AEQ42B50 3 of 3 Embedded Power for Business-Critical Continuity 313 process yellow 3405 1797 1375 116 2607 652 242 2985 375 240 Americas 5810VanAllenWay Carlsbad,CA92008 USA Telephone:+17609304600 Facsimile: +17609300698 Europe (UK) WaterfrontBusinessPark MerryHill,Dudley WestMidlands,DY51LX UnitedKingdom Telephone:+44(0)1384842211 Facsimile: +44(0)1384843355 Asia (HK) 14/F,LuPlaza 2WingYipStreet KwunTong,Kowloon HongKong Telephone:+85221763333 Facsimile: +85221763888 Forglobalcontact,visit: www.powerconversion.com techsupport.embeddedpower @emerson.com Whileeveryprecautionhasbeentakentoensure accuracyandcompletenessinthisliterature,Emerson NetworkPowerassumesnoresponsibility,anddisclaims allliabilityfordamagesresultingfromuseofthis informationorforanyerrorsoromissions. EmersonNetworkPowerandtheEmerson NetworkPowerlogoaretrademarksand servicemarksofEmersonElectricCo. ©2008EmersonElectricCo. EmersonNetworkPower.com EmbeddedComputing Embedded Power Monitoring OutsidePlant PowerSwitching&Controls PrecisionCooling Racks&IntegratedCabinets Services SurgeProtection Emerson Network Power. Thegloballeaderinenabling business-criticalcontinuity. AC Power Connectivity DCPower MechanicalDrawing AEQ-Baseplate MECHANICAL TOLERANCE ± .002(0.5) ALL DIMENSIONS ARE IN INCHES (MILLIMETERS) PIN PLACEMENT TOLERANCE : ± 0.005(0.127) NOTES: DESIGNATION -Vout PIN NUMBER PIN 1 +Vin Enable -Vout -Vin PIN 2 PIN 3 PIN 4 PIN 5 +Vout PIN 9 +Vout PIN 10 TP7 & TP8 - ARE TEST PADS USE FOR PROGRAMMING THE MODULE. CL 2.30 [58.4] 1.48 [37.6] 0.189[4.8 ] min 0.205[5.2] max 0.42 [10.7] 1.88 [47.8] 2.00 [50.8] 0.15 [3.8] 0.74 [18.8] 0.30 [7.6] 0.30 [7.6] 0.30 [7.6] 0.60 [15.2] PIN SIDE DOWN SIDE VIEW 4 10 5 9 3 2 1 PIN SIDE UP Ø 0.040 (1.00) DIA PINS (3 PLCS) Ø 0.062 (1.57) DIA PINS (4 PLCS) ?0.063 +0.004 -0 [?1.60 +0.10 -0 ] ?0.071 +0.004 -0 [?1.80 +0.10 -0 ] (3 PLACES) FIN. HOLE SIZE ?0.102 [?2.60] (3 PLACES) PAD SIZE (4 PLACES) PAD SIZE (4 PLACES) FIN. HOLE SIZE 1.88 [47.8] 2.00 [50.8] 0.30 [7.6] ?0.110 [?2.80] 0.60 [15.2] CL RECOMMENDED PAD LAY OUT ALQ-Open-frame |