Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC1272-8ACSW Fiches technique(PDF) 14 Page - Linear Technology

No de pièce LTC1272-8ACSW
Description  12-Bit, 3關s, 250kHz Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC1272-8ACSW Fiches technique(HTML) 14 Page - Linear Technology

Back Button LTC1272-8ACSW Datasheet HTML 10Page - Linear Technology LTC1272-8ACSW Datasheet HTML 11Page - Linear Technology LTC1272-8ACSW Datasheet HTML 12Page - Linear Technology LTC1272-8ACSW Datasheet HTML 13Page - Linear Technology LTC1272-8ACSW Datasheet HTML 14Page - Linear Technology LTC1272-8ACSW Datasheet HTML 15Page - Linear Technology LTC1272-8ACSW Datasheet HTML 16Page - Linear Technology LTC1272-8ACSW Datasheet HTML 17Page - Linear Technology LTC1272-8ACSW Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC1272
14
1272fb
1272fb
1272fb
S
APPLICATI
I FOR ATIO
HOLD
t12
t7
TRACK
DATA
t3
t7
t3
t2
tCONV
tCONV
t11
t1
t4
t5
t4
t1
t5
t2
t12
OLD DATA
DB11-DB0
NEW DATA
DB11-DB0
BUSY
RD
CS
LTC1272 • TA18
Figure 15. Slow Memory Mode, Two Byte Read Timing Diagram
Table 3. Slow Memory Mode, Two Byte Read Data Bus Status
Data Outputs
D7
D6
D5
D4
D3/11
D2/10
D1/9
D0/8
First Read
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Second Read
Low
Low
Low
Low
DB11
DB10
DB9
DB8
Figure 16. ROM Mode, Parallel Read Timing Diagram
Table 4. ROM Mode, Parallel Read Data Bus Status
Data Outputs
D11
D10
D9
D8
D7
D6
D5
D4
D3/11
D2/10
D1/9
D0/8
First Read (Old Data)
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Second Read
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
OLD DATA
DB7-DB0
NEW DATA
DB7-DB0
TRACK
HOLD
DATA
BUSY
RD
CS
RD
LTC1272 • TA17
t8
t1
t2
t 3
t CONV
t11
t9
t8
t9
t5
t1
t4
t5
t10
t10
t6
t7
t3
t7
t12
t12
HBEN
NEW DATA
DB11-DB8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20