Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTC1098ACS8-PBF Fiches technique(PDF) 26 Page - Linear Technology

No de pièce LTC1098ACS8-PBF
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTC1098ACS8-PBF Fiches technique(HTML) 26 Page - Linear Technology

Back Button LTC1098ACS8-PBF Datasheet HTML 22Page - Linear Technology LTC1098ACS8-PBF Datasheet HTML 23Page - Linear Technology LTC1098ACS8-PBF Datasheet HTML 24Page - Linear Technology LTC1098ACS8-PBF Datasheet HTML 25Page - Linear Technology LTC1098ACS8-PBF Datasheet HTML 26Page - Linear Technology LTC1098ACS8-PBF Datasheet HTML 27Page - Linear Technology LTC1098ACS8-PBF Datasheet HTML 28Page - Linear Technology LTC1098ACS8-PBF Datasheet HTML 29Page - Linear Technology LTC1098ACS8-PBF Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTC1096/LTC1096L
LTC1098/LTC1098L
26
10968fc
TYPICAL APPLICATIONS
MPU TRANSMIT
WORD
CS
CLK
DOUT
MPU RECEIVED
WORD
DIN
00
0
1
ODD/
SIGN
MSBF
X
SGL/
DIFF
XXXXXXXX
START
BIT
BYTE 1
BYTE 2 (DUMMY)
X = DON'T CARE
START
SGL/
DIFF
DON'T CARE
B7
B6
B5
B4
B3
B2
B1
B0
ODD/
SIGN
MSBF
??
??
?
?
?0
B7
B6
B5
B4
B3
B2
B1
B0
2ND TRANSFER
1ST TRANSFER
10968 TA03
10968 TA04
CLK
DIN
CS
ANALOG
INPUTS
C0
SCK
DOUT
MISO
MOSI
MC68HC05C4
LTC1098
LOCATION A + 1
LSB
LOCATION A
BYTE 2
BYTE 1
10968 TA05
B7
B6
B5
B4
B3
B2
B1
B0
00
00
0
0
00
Data Exchange Between LTC1098(L) and MC68HC05C4
Hardware and Software Interface to Motorola MC68HC05C4
DOUT from LTC1098(L) Stored in MC68HC05C4
LABEL
MNEMONIC
COMMENTS
START
BCLRn
LDA
STA
TST
BPL
LDA
STA
AND
STA
TST
BPL
BSETn
LDA
STA
Bit 0 Port C goes low (CS goes low)
Load LTC1098(L) DIN word into Acc.
Load LTC1098(L) DIN word into SPI from Acc.
Transfer begins.
Test status of SPIF
Loop to previous instruction if not done
with transfer
Load contents of SPI data register
into Acc. (DOUT MSBs)
Start next SPI cycle
Clear the first DOUT word
Store in memory location A (MSBs)
Test status of SPIF
Loop to previous instruction if not done
with transfer
Set B0 of Port C (CS goes high)
Load contents of SPI data register into
Acc. (DOUT LSBs)
Store in memory location A + 1 (LSBs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32