Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CS896M Fiches technique(PDF) 152 Page - Actel Corporation

No de pièce AX2000-1CS896M
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896M Fiches technique(HTML) 152 Page - Actel Corporation

Back Button AX2000-1CS896M Datasheet HTML 148Page - Actel Corporation AX2000-1CS896M Datasheet HTML 149Page - Actel Corporation AX2000-1CS896M Datasheet HTML 150Page - Actel Corporation AX2000-1CS896M Datasheet HTML 151Page - Actel Corporation AX2000-1CS896M Datasheet HTML 152Page - Actel Corporation AX2000-1CS896M Datasheet HTML 153Page - Actel Corporation AX2000-1CS896M Datasheet HTML 154Page - Actel Corporation AX2000-1CS896M Datasheet HTML 155Page - Actel Corporation AX2000-1CS896M Datasheet HTML 156Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 226 page
background image
Axcelerator Family FPGAs
3- 46
v2.7
IO212NB6F19
V1
IO212PB6F19
V2
IO213NB6F19
T5
IO213PB6F19
T4
IO214NB6F20
U1
IO214PB6F20
U2
IO215NB6F20
R6
IO215PB6F20
R7
IO217NB6F20
R5
IO217PB6F20
R4
IO218NB6F20
R2
IO218PB6F20
T2
IO219NB6F20
P3
IO219PB6F20
R3
IO220NB6F20
R1
IO220PB6F20
T1
IO221NB6F20
P6
IO221PB6F20
P7
IO223NB6F20
P5
IO223PB6F20
P4
Bank 7
IO225NB7F21
N5
IO225PB7F21
N4
IO226NB7F21
N2
IO226PB7F21
N3
IO227NB7F21
N6
IO227PB7F21
N7
IO229NB7F21
M7
IO229PB7F21
M6
IO231NB7F21
M5
IO231PB7F21
M4
IO232NB7F21
L1
IO232PB7F21
M1
IO233NB7F21
M2
IO233PB7F21
M3
IO235NB7F21
K2
IO235PB7F21
L2
IO236NB7F22
L5
IO236PB7F22
L4
676-Pin FBGA
AX1000 Function
Pin Number
IO237NB7F22
L6
IO237PB7F22
L7
IO238NB7F22
K3
IO238PB7F22
L3
IO240NB7F22
J1
IO240PB7F22
K1
IO241NB7F22
K6
IO241PB7F22
K5
IO242NB7F22
H2
IO242PB7F22
J2
IO243NB7F22
J4
IO243PB7F22
K4
IO244NB7F22
H3
IO244PB7F22
J3
IO245NB7F22
G2
IO245PB7F22
G1
IO247NB7F23
J6
IO247PB7F23
J5
IO248NB7F23
E1
IO248PB7F23
F1
IO249NB7F23
E2
IO249PB7F23
F2
IO250NB7F23
G4
IO250PB7F23
H4
IO251NB7F23
F3
IO251PB7F23
G3
IO253NB7F23
H6
IO253PB7F23
H5
IO254NB7F23
D2
IO254PB7F23
D1
IO255NB7F23
E4
IO255PB7F23
F4
IO256NB7F23
D3
IO256PB7F23
E3
IO257NB7F23
F5
IO257PB7F23
G5
Dedicated I/O
GND
A1
GND
A13
676-Pin FBGA
AX1000 Function
Pin Number
GND
A14
GND
A19
GND
A26
GND
A8
GND
AC23
GND
AC4
GND
AD24
GND
AD3
GND
AE2
GND
AE25
GND
AF1
GND
AF13
GND
AF14
GND
AF19
GND
AF26
GND
AF8
GND
B2
GND
B25
GND
B26
GND
C24
GND
C3
GND
G20
GND
G7
GND
H1
GND
H19
GND
H26
GND
H8
GND
J18
GND
J9
GND
K10
GND
K11
GND
K12
GND
K13
GND
K14
GND
K15
GND
K16
GND
K17
GND
L10
GND
L11
676-Pin FBGA
AX1000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More