Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CS896M Fiches technique(PDF) 65 Page - Actel Corporation

No de pièce AX2000-1CS896M
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896M Fiches technique(HTML) 65 Page - Actel Corporation

Back Button AX2000-1CS896M Datasheet HTML 61Page - Actel Corporation AX2000-1CS896M Datasheet HTML 62Page - Actel Corporation AX2000-1CS896M Datasheet HTML 63Page - Actel Corporation AX2000-1CS896M Datasheet HTML 64Page - Actel Corporation AX2000-1CS896M Datasheet HTML 65Page - Actel Corporation AX2000-1CS896M Datasheet HTML 66Page - Actel Corporation AX2000-1CS896M Datasheet HTML 67Page - Actel Corporation AX2000-1CS896M Datasheet HTML 68Page - Actel Corporation AX2000-1CS896M Datasheet HTML 69Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-51
the RX and TX modules (Figure 2-37). The RX module is
used to drive signals from the across-chip horizontal and
vertical routing to the Output Tracks within the
SuperCluster. The TX module is used to drive vertical and
horizontal across-chip routing from either short-distance
horizontal tracks or from Output Tracks. The TX module
can also be used to drive signals from vertical across-chip
tracks to horizontal across-chip tracks and vice versa.
Figure 2-36 • FastConnect Routing
Figure 2-37 • Horizontal and Vertical Tracks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More