Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CS896M Fiches technique(PDF) 120 Page - Actel Corporation

No de pièce AX2000-1CS896M
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896M Fiches technique(HTML) 120 Page - Actel Corporation

Back Button AX2000-1CS896M Datasheet HTML 116Page - Actel Corporation AX2000-1CS896M Datasheet HTML 117Page - Actel Corporation AX2000-1CS896M Datasheet HTML 118Page - Actel Corporation AX2000-1CS896M Datasheet HTML 119Page - Actel Corporation AX2000-1CS896M Datasheet HTML 120Page - Actel Corporation AX2000-1CS896M Datasheet HTML 121Page - Actel Corporation AX2000-1CS896M Datasheet HTML 122Page - Actel Corporation AX2000-1CS896M Datasheet HTML 123Page - Actel Corporation AX2000-1CS896M Datasheet HTML 124Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 226 page
background image
Axcelerator Family FPGAs
3- 14
v2.7
IO65NB6F6
N1
IO65PB6F6
P1
IO67NB6F6
L2
IO67PB6F6
M2
IO69NB6F6
L1
IO69PB6F6
M1
IO70NB6F6
J3
IO70PB6F6
K3
IO71NB6F6
J2
IO71PB6F6
K2
Bank 7
IO72NB7F7
J1
IO72PB7F7
K1
IO73NB7F7
G2
IO73PB7F7
H2
IO74NB7F7
G3
IO74PB7F7
H3
IO75NB7F7
E1
IO75PB7F7
F1
IO76NB7F7
G1
IO77NB7F7
E2
IO77PB7F7
F2
IO78NB7F7
G4
IO78PB7F7
H4
IO79NB7F7
C1
IO79PB7F7
D1
IO81NB7F7
C2
IO81PB7F7
B1
IO82NB7F7
D2
IO82PB7F7
D3
IO83NB7F7
E3
IO83PB7F7
F3
Dedicated I/O
VCCDA
E4
GND
A1
GND
A16
GND
B15
GND
B2
256-Pin FBGA
AX125 Function
Pin Number
GND
D15
GND
E12
GND
E5
GND
F11
GND
F6
GND
G10
GND
G7
GND
G8
GND
G9
GND
H10
GND
H7
GND
H8
GND
H9
GND
J10
GND
J7
GND
J8
GND
J9
GND
K10
GND
K7
GND
K8
GND
K9
GND
L11
GND
L6
GND
M12
GND
M5
GND
P13
GND
P3
GND
R15
GND
R2
GND
T1
GND
T16
GND/LP
D4
NC
A11
NC
R11
NC
R5
PRA
D8
PRB
C8
PRC
N9
256-Pin FBGA
AX125 Function
Pin Number
PRD
P9
TCK
D5
TDI
C6
TDO
C4
TMS
C3
TRST
C5
VCCA
D14
VCCA
F10
VCCA
F4
VCCA
F7
VCCA
F8
VCCA
F9
VCCA
G11
VCCA
G6
VCCA
H11
VCCA
H6
VCCA
J11
VCCA
J6
VCCA
K11
VCCA
K6
VCCA
L10
VCCA
L7
VCCA
L8
VCCA
L9
VCCA
N3
VCCA
P14
VCCPLA
C7
VCCPLB
D6
VCCPLC
A10
VCCPLD
D10
VCCPLE
P10
VCCPLF
N11
VCCPLG
T7
VCCPLH
N7
VCCDA
A2
VCCDA
C13
VCCDA
D9
VCCDA
H1
256-Pin FBGA
AX125 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More