Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CS896M Fiches technique(PDF) 109 Page - Actel Corporation

No de pièce AX2000-1CS896M
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896M Fiches technique(HTML) 109 Page - Actel Corporation

Back Button AX2000-1CS896M Datasheet HTML 105Page - Actel Corporation AX2000-1CS896M Datasheet HTML 106Page - Actel Corporation AX2000-1CS896M Datasheet HTML 107Page - Actel Corporation AX2000-1CS896M Datasheet HTML 108Page - Actel Corporation AX2000-1CS896M Datasheet HTML 109Page - Actel Corporation AX2000-1CS896M Datasheet HTML 110Page - Actel Corporation AX2000-1CS896M Datasheet HTML 111Page - Actel Corporation AX2000-1CS896M Datasheet HTML 112Page - Actel Corporation AX2000-1CS896M Datasheet HTML 113Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-3
GND
E6
GND
E9
GND
F10
GND
F5
GND
G1
GND
G14
GND
H1
GND
H14
GND
J10
GND
J5
GND
K10
GND
K5
GND
K6
GND
K9
GND
N14
GND
P1
GND
P14
GND
P7
GND
P8
GND/LP
C3
PRA
D8
PRB
B8
PRC
N8
PRD
N7
TCK
C4
TDI
E3
TDO
C5
TMS
D4
TRST
B2
VCCA
E7
VCCA
G10
VCCA
H5
VCCA
K8
VCCPLA
C6
VCCPLB
C7
VCCPLC
A9
VCCPLD
C10
VCCPLE
N10
180-Pin CSP
AX125 Function
Pin Number
VCCPLF
L8
VCCPLG
P6
VCCPLH
M6
VCCDA
B13
VCCDA
D3
VCCDA
E8
VCCDA
G5
VCCDA
H10
VCCDA
K7
VCCDA
L11
VCCDA
L4
VCCIB0
D5
VCCIB0
D6
VCCIB1
D10
VCCIB1
D9
VCCIB2
E11
VCCIB2
F11
VCCIB3
J11
VCCIB3
K11
VCCIB4
L10
VCCIB4
L9
VCCIB5
L5
VCCIB5
L6
VCCIB6
J4
VCCIB6
K4
VCCIB7
E4
VCCIB7
F4
VCCDA
A2
VCOMPLA
A6
VCOMPLB
D7
VCOMPLC
B9
VCOMPLD
C11
VCOMPLE
P10
VCOMPLF
M9
VCOMPLG
N6
VCOMPLH
L7
VPUMP
A13
180-Pin CSP
AX125 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More