| Moteur de recherche de fiches techniques de composants électroniques |
|
AX2000-1CS896I Fiches technique(PDF) 213 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896I Fiches technique(HTML) 213 Page - Actel Corporation |
|
213 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-107 GND AD1 GND AD2 GND AD24 GND AD25 GND AE1 GND AE18 GND AE2 GND AE24 GND AE25 GND AE8 GND B1 GND B2 GND B24 GND B25 GND C10 GND C16 GND C23 GND C3 GND D22 GND D4 GND E10 GND E16 GND E21 GND E5 GND/LP E8 GND H1 GND H21 GND H25 GND K21 GND K23 GND K3 GND L11 GND L12 GND L13 GND L14 GND L15 GND M11 624-Pin CCGA AX1000 Function Pin Number GND M12 GND M13 GND M14 GND M15 GND N11 GND N12 GND N13 GND N14 GND N15 GND P11 GND P12 GND P13 GND P14 GND P15 GND R11 GND R12 GND R13 GND R14 GND R15 GND T21 GND T23 GND T3 GND T5 GND V1 GND V25 GND V5 NC A14 NC AA20 NC AB13 NC AD4 NC AE12 NC F21 NC G10 PRA F13 PRB A13 PRC AB12 PRD AE13 624-Pin CCGA AX1000 Function Pin Number TCK F5 TDI C5 TDO F6 TMS D6 TRST E6 VCCA AB20 VCCA F22 VCCA F4 VCCA J17 VCCA J9 VCCA K10 VCCA K11 VCCA K15 VCCA K16 VCCA L10 VCCA L16 VCCA R10 VCCA R16 VCCA T10 VCCA T11 VCCA T15 VCCA T16 VCCA U17 VCCA U9 VCCA Y4 VCCDA A12 VCCDA AA13 VCCDA AA15 VCCDA AA7 VCCDA AC11 VCCDA AD11 VCCDA AE17 VCCDA B15 VCCDA C15 VCCDA C6 VCCDA D13 VCCDA E13 624-Pin CCGA AX1000 Function Pin Number |