Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CS896I Fiches technique(PDF) 209 Page - Actel Corporation

No de pièce AX2000-1CS896I
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896I Fiches technique(HTML) 209 Page - Actel Corporation

Back Button AX2000-1CS896I Datasheet HTML 205Page - Actel Corporation AX2000-1CS896I Datasheet HTML 206Page - Actel Corporation AX2000-1CS896I Datasheet HTML 207Page - Actel Corporation AX2000-1CS896I Datasheet HTML 208Page - Actel Corporation AX2000-1CS896I Datasheet HTML 209Page - Actel Corporation AX2000-1CS896I Datasheet HTML 210Page - Actel Corporation AX2000-1CS896I Datasheet HTML 211Page - Actel Corporation AX2000-1CS896I Datasheet HTML 212Page - Actel Corporation AX2000-1CS896I Datasheet HTML 213Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-103
624-Pin CCGA
AX1000 Function
Pin Number
Bank 0
IO00NB0F0
F8
IO00PB0F0
F7
IO02NB0F0
G7
IO02PB0F0
G6
IO04NB0F0
E9
IO04PB0F0
D8
IO06NB0F0
G9
IO06PB0F0
G8
IO07PB0F0
B6
IO08NB0F0
F10
IO08PB0F0
F9
IO09PB0F0
C7
IO10NB0F0
H8
IO10PB0F0
H7
IO11NB0F0
D10
IO11PB0F0
D9
IO12NB0F1
B5
IO12PB0F1
B4
IO13NB0F1
A7
IO13PB0F1
A6
IO14NB0F1
C9
IO14PB0F1
C8
IO15PB0F1
B7
IO16NB0F1
A5
IO16PB0F1
A4
IO17NB0F1
A9
IO17PB0F1
B9
IO18NB0F1
D12
IO18PB0F1
D11
IO20NB0F1
B11
IO20PB0F1
B10
IO21NB0F1
A11
IO21PB0F1
A10
IO22NB0F2
H10
IO22PB0F2
H9
IO23NB0F2
E11
IO23PB0F2
F11
IO24NB0F2
D7
IO24PB0F2
E7
IO25PB0F2
B12
IO26NB0F2
H11
IO26PB0F2
G11
IO27NB0F2
C11
IO27PB0F2
B8
IO28NB0F2
J13
IO28PB0F2
K13
IO29NB0F2
J8
IO29PB0F2
J7
IO30NB0F2/HCLKAN
G13
IO30PB0F2/HCLKAP
G12
IO31NB0F2/HCLKBN
C13
IO31PB0F2/HCLKBP
C12
Bank 1
IO32NB1F3/HCLKCN
G15
IO32PB1F3/HCLKCP
G14
IO33NB1F3/HCLKDN
B14
IO33PB1F3/HCLKDP
B13
IO34NB1F3
G16
IO34PB1F3
H16
IO35NB1F3
C17
IO35PB1F3
B18
IO36NB1F3
H18
IO36PB1F3
H15
IO37NB1F3
H13
IO38NB1F3
E15
IO38PB1F3
F15
IO39NB1F3
D14
IO39PB1F3
C14
IO40NB1F3
D16
IO40PB1F3
D15
IO41NB1F4
F16
IO42NB1F4
G21
IO42PB1F4
G20
624-Pin CCGA
AX1000 Function
Pin Number
IO43NB1F4
A16
IO43PB1F4
A15
IO44NB1F4
A20
IO44PB1F4
A19
IO45NB1F4
B17
IO45PB1F4
B16
IO46NB1F4
G17
IO46PB1F4
H17
IO47NB1F4
A17
IO48NB1F4
C19
IO48PB1F4
C18
IO49NB1F4
B20
IO49PB1F4
B19
IO50NB1F4
H20
IO50PB1F4
H19
IO51NB1F4
A22
IO51PB1F4
A21
IO52NB1F4
C21
IO52PB1F4
C20
IO53NB1F4
B22
IO53PB1F4
B21
IO54NB1F5
J18
IO54PB1F5
J19
IO55NB1F5
D18
IO55PB1F5
D17
IO56NB1F5
F20
IO56PB1F5
F19
IO58NB1F5
E17
IO58PB1F5
F17
IO60NB1F5
D20
IO60PB1F5
D19
IO62NB1F5
E18
IO62PB1F5
F18
IO63NB1F5
G19
IO63PB1F5
G18
Bank 2
IO64NB2F6
M17
624-Pin CCGA
AX1000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More