Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CS896PP Fiches technique(PDF) 122 Page - Actel Corporation

No de pièce AX2000-1CS896PP
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896PP Fiches technique(HTML) 122 Page - Actel Corporation

Back Button AX2000-1CS896PP Datasheet HTML 118Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 119Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 120Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 121Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 122Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 123Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 124Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 125Page - Actel Corporation AX2000-1CS896PP Datasheet HTML 126Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 226 page
background image
Axcelerator Family FPGAs
3- 16
v2.7
IO66PB4F4
T15
IO67NB4F4
R12
IO67PB4F4
R13
IO69NB4F4
P11
IO69PB4F4
P12
IO70PB4F4
T11
IO73NB4F4
T12
IO73PB4F4
T13
IO74NB4F4/CLKEN
R9
IO74PB4F4/CLKEP
R10
IO75NB4F4/CLKFN
T8
IO75PB4F4/CLKFP
T9
Bank 5
IO76NB5F5/CLKGN
P7
IO76PB5F5/CLKGP
P8
IO77NB5F5/CLKHN
R6
IO77PB5F5/CLKHP
R7
IO79NB5F5
T5
IO79PB5F5
T6
IO81NB5F5
P5
IO81PB5F5
P6
IO83NB5F5
T3
IO83PB5F5
T4
IO85NB5F5
R3
IO85PB5F5
R4
IO88NB5F5
R1
IO88PB5F5
T2
IO89NB5F5
N4
IO89PB5F5
N5
Bank 6
IO91NB6F6
L4
IO91PB6F6
M4
IO92NB6F6
L3
IO92PB6F6
M3
IO94NB6F6
P2
IO94PB6F6
N2
IO97NB6F6
J4
IO97PB6F6
K4
256-Pin FBGA
AX250 Function
Pin Number
IO98NB6F6
N1
IO98PB6F6
P1
IO100NB6F6
L2
IO100PB6F6
M2
IO102NB6F6
L1
IO102PB6F6
M1
IO103NB6F6
J3
IO103PB6F6
K3
IO104NB6F6
J2
IO104PB6F6
K2
Bank 7
IO107NB7F7
J1
IO107PB7F7
K1
IO108NB7F7
G2
IO108PB7F7
H2
IO111NB7F7
G3
IO111PB7F7
H3
IO112NB7F7
E1
IO112PB7F7
F1
IO113NB7F7
G1
IO114NB7F7
E2
IO114PB7F7
F2
IO115NB7F7
G4
IO115PB7F7
H4
IO116NB7F7
C1
IO116PB7F7
D1
IO117NB7F7
C2
IO117PB7F7
B1
IO118NB7F7
D2
IO118PB7F7
D3
IO119NB7F7
E3
IO119PB7F7
F3
Dedicated I/O
VCCDA
E4
GND
A1
GND
A16
GND
B15
GND
B2
256-Pin FBGA
AX250 Function
Pin Number
GND
D15
GND
E12
GND
E5
GND
F11
GND
F6
GND
G10
GND
G7
GND
G8
GND
G9
GND
H10
GND
H7
GND
H8
GND
H9
GND
J10
GND
J7
GND
J8
GND
J9
GND
K10
GND
K7
GND
K8
GND
K9
GND
L11
GND
L6
GND
M12
GND
M5
GND
P13
GND
P3
GND
R15
GND
R2
GND
T1
GND
T16
GND/LP
D4
PRA
D8
PRB
C8
PRC
N9
PRD
P9
TCK
D5
TDI
C6
256-Pin FBGA
AX250 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More