Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CSG896 Fiches technique(PDF) 141 Page - Actel Corporation

No de pièce AX2000-1CSG896
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896 Fiches technique(HTML) 141 Page - Actel Corporation

Back Button AX2000-1CSG896 Datasheet HTML 137Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 138Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 139Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 140Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 141Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 142Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 143Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 144Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 145Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-35
GND
W4
GND
Y20
GND
Y3
GND/LP
G7
PRA
G11
PRB
F11
PRC
T12
PRD
U12
TCK
G8
TDI
F9
TDO
F7
TMS
F6
TRST
F8
VCCA
G17
VCCA
J10
VCCA
J11
VCCA
J12
VCCA
J13
VCCA
J7
VCCA
K14
VCCA
K9
VCCA
L14
VCCA
L9
VCCA
M14
VCCA
M9
VCCA
N14
VCCA
N9
VCCA
P10
VCCA
P11
VCCA
P12
VCCA
P13
VCCA
T6
VCCA
U17
VCCPLA
F10
VCCPLB
G9
VCCPLC
D13
VCCPLD
G13
VCCPLE
U13
VCCPLF
T14
VCCPLG
W10
VCCPLH
T10
VCCDA
AB16
VCCDA
AB8
484-Pin FBGA
AX1000 Function
Pin Number
VCCDA
C10
VCCDA
C11
VCCDA
C14
VCCDA
D14
VCCDA
D5
VCCDA
F16
VCCDA
G12
VCCDA
L4
VCCDA
M18
VCCDA
T11
VCCDA
T17
VCCDA
U7
VCCDA
V14
VCCDA
V8
VCCIB0
A3
VCCIB0
B3
VCCIB0
H10
VCCIB0
H11
VCCIB0
H9
VCCIB1
A20
VCCIB1
B20
VCCIB1
H12
VCCIB1
H13
VCCIB1
H14
VCCIB2
C21
VCCIB2
C22
VCCIB2
J15
VCCIB2
K15
VCCIB2
L15
VCCIB3
M15
VCCIB3
N15
VCCIB3
P15
VCCIB3
Y21
VCCIB3
Y22
VCCIB4
AA20
VCCIB4
AB20
VCCIB4
R12
VCCIB4
R13
VCCIB4
R14
VCCIB5
AA3
VCCIB5
AB3
VCCIB5
R10
VCCIB5
R11
484-Pin FBGA
AX1000 Function
Pin Number
VCCIB5
R9
VCCIB6
M8
VCCIB6
N8
VCCIB6
P8
VCCIB6
Y1
VCCIB6
Y2
VCCIB7
C1
VCCIB7
C2
VCCIB7
J8
VCCIB7
K8
VCCIB7
L8
VCOMPLA
D10
VCOMPLB
G10
VCOMPLC
E12
VCOMPLD
G14
VCOMPLE
W13
VCOMPLF
T13
VCOMPLG
V11
VCOMPLH
T9
VPUMP
D17
484-Pin FBGA
AX1000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More