Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CSG896 Fiches technique(PDF) 140 Page - Actel Corporation

No de pièce AX2000-1CSG896
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896 Fiches technique(HTML) 140 Page - Actel Corporation

Back Button AX2000-1CSG896 Datasheet HTML 136Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 137Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 138Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 139Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 140Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 141Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 142Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 143Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 144Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 226 page
background image
Axcelerator Family FPGAs
3- 34
v2.7
IO208NB6F19
V1
IO208PB6F19
W1
IO209NB6F19
P7
IO209PB6F19
R7
IO212NB6F19
P4
IO212PB6F19
R4
IO214NB6F20
P3
IO214PB6F20
R3
IO215NB6F20
M6
IO215PB6F20
N6
IO216NB6F20
R2
IO216PB6F20
T2
IO217NB6F20
T1
IO217PB6F20
U1
IO219NB6F20
M5
IO219PB6F20
N5
IO220NB6F20
P1
IO220PB6F20
R1
IO221NB6F20
N2
IO221PB6F20
P2
IO222NB6F20
M3
IO222PB6F20
N3
IO223NB6F20
M7
IO223PB6F20
N7
IO224NB6F20
M4
IO224PB6F20
N4
Bank 7
IO225NB7F21
M2
IO225PB7F21
N1
IO226NB7F21
K2
IO226PB7F21
K1
IO228NB7F21
L3
IO228PB7F21
L2
IO229NB7F21
K5
IO229PB7F21
L5
IO230NB7F21
H1
IO230PB7F21
J1
IO231NB7F21
H2
IO231PB7F21
J2
IO232NB7F21
K4
IO232PB7F21
K3
IO233NB7F21
K6
IO233PB7F21
L6
484-Pin FBGA
AX1000 Function
Pin Number
IO234NB7F21
F1
IO234PB7F21
G1
IO235NB7F21
F2
IO235PB7F21
G2
IO236NB7F22
H3
IO236PB7F22
J3
IO237NB7F22
K7
IO237PB7F22
L7
IO241NB7F22
H6
IO241PB7F22
J6
IO242NB7F22
H4
IO242PB7F22
J4
IO243NB7F22
H5
IO243PB7F22
J5
IO246NB7F22
F3
IO246PB7F22
G3
IO250NB7F23
F4
IO250PB7F23
G4
IO253NB7F23
G5
IO253PB7F23
G6
IO254NB7F23
D1
IO254PB7F23
E1
IO257NB7F23
F5
IO257PB7F23
E4
Dedicated I/O
VCCDA
H7
GND
A1
GND
A11
GND
A12
GND
A2
GND
A21
GND
A22
GND
AA1
GND
AA2
GND
AA21
GND
AA22
GND
AB1
GND
AB11
GND
AB12
GND
AB2
GND
AB21
GND
AB22
GND
B1
484-Pin FBGA
AX1000 Function
Pin Number
GND
B2
GND
B21
GND
B22
GND
C20
GND
C3
GND
D19
GND
D4
GND
E18
GND
E5
GND
G18
GND
H15
GND
H8
GND
J14
GND
J9
GND
K10
GND
K11
GND
K12
GND
K13
GND
L1
GND
L10
GND
L11
GND
L12
GND
L13
GND
L22
GND
M1
GND
M10
GND
M11
GND
M12
GND
M13
GND
M22
GND
N10
GND
N11
GND
N12
GND
N13
GND
P14
GND
P9
GND
R15
GND
R8
GND
U16
GND
U6
GND
V18
GND
V5
GND
W19
484-Pin FBGA
AX1000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More