Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000-1CSG896 Fiches technique(PDF) 125 Page - Actel Corporation

No de pièce AX2000-1CSG896
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896 Fiches technique(HTML) 125 Page - Actel Corporation

Back Button AX2000-1CSG896 Datasheet HTML 121Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 122Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 123Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 124Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 125Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 126Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 127Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 128Page - Actel Corporation AX2000-1CSG896 Datasheet HTML 129Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-19
324-Pin FBGA
AX125 Function
Pin Number
Bank 0
IO00NB0F0
C5
IO00PB0F0
C4
IO01NB0F0
A3
IO01PB0F0
A2
IO02NB0F0
C7
IO02PB0F0
C6
IO03NB0F0
B5
IO03PB0F0
B4
IO04NB0F0
A5
IO04PB0F0
A4
IO05NB0F0
A7
IO05PB0F0
A6
IO06NB0F0
B7
IO06PB0F0
B6
IO07NB0F0/HCLKAN
C9
IO07PB0F0/HCLKAP
C8
IO08NB0F0/HCLKBN
B10
IO08PB0F0/HCLKBP
B9
Bank 1
IO09NB1F1/HCLKCN
D11
IO09PB1F1/HCLKCP
D10
IO10NB1F1/HCLKDN
C12
IO10PB1F1/HCLKDP
C11
IO11NB1F1
A15
IO11PB1F1
A14
IO12NB1F1
B14
IO12PB1F1
B13
IO13NB1F1
A17
IO13PB1F1
A16
IO14NB1F1
D13
IO14PB1F1
D12
IO15NB1F1
C14
IO15PB1F1
C13
IO16NB1F1
B16
IO16PB1F1
C15
IO17NB1F1
E14
IO17PB1F1
E13
Bank 2
IO18NB2F2
G14
IO18PB2F2
F14
IO19NB2F2
D16
IO19PB2F2
D15
IO20NB2F2
C18
IO20PB2F2
B18
IO21NB2F2
D17
IO21PB2F2
C17
IO22NB2F2
F17
IO22PB2F2
E17
IO23NB2F2
G16
IO23PB2F2
F16
IO24NB2F2
E18
IO24PB2F2
D18
IO25NB2F2
G18
IO25PB2F2
F18
IO26NB2F2
H17
IO26PB2F2
G17
IO27NB2F2
J16
IO27PB2F2
H16
IO28NB2F2
J18
IO28PB2F2
H18
IO29NB2F2
K17
IO29PB2F2
J17
Bank 3
IO30NB3F3
N18
IO30PB3F3
M18
IO31NB3F3
L18
IO31PB3F3
K18
IO32NB3F3
L16
IO32PB3F3
L17
IO33NB3F3
R18
IO33PB3F3
P18
IO34NB3F3
N15
IO34PB3F3
M15
IO35NB3F3
M16
IO35PB3F3
M17
324-Pin FBGA
AX125 Function
Pin Number
IO36NB3F3
P16
IO36PB3F3
N16
IO37NB3F3
R17
IO37PB3F3
P17
IO38NB3F3
N14
IO38PB3F3
M14
IO39NB3F3
U18
IO39PB3F3
T18
IO40NB3F3
R16
IO40PB3F3
T17
IO41NB3F3
P13
IO41PB3F3
P14
Bank 4
IO42NB4F4
T13
IO42PB4F4
T14
IO43NB4F4
U15
IO43PB4F4
T15
IO44NB4F4
U13
IO44PB4F4
U14
IO45NB4F4
V15
IO45PB4F4
V16
IO46NB4F4
V13
IO46PB4F4
V14
IO47NB4F4
V12
IO47PB4F4
U12
IO48NB4F4
V10
IO48PB4F4
V11
IO49NB4F4/CLKEN
T10
IO49PB4F4/CLKEP
T11
IO50NB4F4/CLKFN
U9
IO50PB4F4/CLKFP
U10
Bank 5
IO51NB5F5/CLKGN
R8
IO51PB5F5/CLKGP
R9
IO52NB5F5/CLKHN
T7
IO52PB5F5/CLKHP
T8
IO53NB5F5
U6
IO53PB5F5
U7
324-Pin FBGA
AX125 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More