| Moteur de recherche de fiches techniques de composants électroniques |
|
AX2000-1CSG896 Fiches technique(PDF) 122 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896 Fiches technique(HTML) 122 Page - Actel Corporation |
|
122 / 226 page ![]() Axcelerator Family FPGAs 3- 16 v2.7 IO66PB4F4 T15 IO67NB4F4 R12 IO67PB4F4 R13 IO69NB4F4 P11 IO69PB4F4 P12 IO70PB4F4 T11 IO73NB4F4 T12 IO73PB4F4 T13 IO74NB4F4/CLKEN R9 IO74PB4F4/CLKEP R10 IO75NB4F4/CLKFN T8 IO75PB4F4/CLKFP T9 Bank 5 IO76NB5F5/CLKGN P7 IO76PB5F5/CLKGP P8 IO77NB5F5/CLKHN R6 IO77PB5F5/CLKHP R7 IO79NB5F5 T5 IO79PB5F5 T6 IO81NB5F5 P5 IO81PB5F5 P6 IO83NB5F5 T3 IO83PB5F5 T4 IO85NB5F5 R3 IO85PB5F5 R4 IO88NB5F5 R1 IO88PB5F5 T2 IO89NB5F5 N4 IO89PB5F5 N5 Bank 6 IO91NB6F6 L4 IO91PB6F6 M4 IO92NB6F6 L3 IO92PB6F6 M3 IO94NB6F6 P2 IO94PB6F6 N2 IO97NB6F6 J4 IO97PB6F6 K4 256-Pin FBGA AX250 Function Pin Number IO98NB6F6 N1 IO98PB6F6 P1 IO100NB6F6 L2 IO100PB6F6 M2 IO102NB6F6 L1 IO102PB6F6 M1 IO103NB6F6 J3 IO103PB6F6 K3 IO104NB6F6 J2 IO104PB6F6 K2 Bank 7 IO107NB7F7 J1 IO107PB7F7 K1 IO108NB7F7 G2 IO108PB7F7 H2 IO111NB7F7 G3 IO111PB7F7 H3 IO112NB7F7 E1 IO112PB7F7 F1 IO113NB7F7 G1 IO114NB7F7 E2 IO114PB7F7 F2 IO115NB7F7 G4 IO115PB7F7 H4 IO116NB7F7 C1 IO116PB7F7 D1 IO117NB7F7 C2 IO117PB7F7 B1 IO118NB7F7 D2 IO118PB7F7 D3 IO119NB7F7 E3 IO119PB7F7 F3 Dedicated I/O VCCDA E4 GND A1 GND A16 GND B15 GND B2 256-Pin FBGA AX250 Function Pin Number GND D15 GND E12 GND E5 GND F11 GND F6 GND G10 GND G7 GND G8 GND G9 GND H10 GND H7 GND H8 GND H9 GND J10 GND J7 GND J8 GND J9 GND K10 GND K7 GND K8 GND K9 GND L11 GND L6 GND M12 GND M5 GND P13 GND P3 GND R15 GND R2 GND T1 GND T16 GND/LP D4 PRA D8 PRB C8 PRC N9 PRD P9 TCK D5 TDI C6 256-Pin FBGA AX250 Function Pin Number |