| Moteur de recherche de fiches techniques de composants électroniques |
|
EP201 Fiches technique(PDF) 1 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
EP201 Fiches technique(HTML) 1 Page - Actel Corporation |
|
1 / 2 page ![]() © 2003 by Eureka Technology Inc. 4962 El Camino Real, Los Altos, CA 94022, USA Tel: 1 650 960 3800 Fax: 1 650 960 3805 http://www.eurekatech.com Page 1 Eureka Technology • Fully supports PowerPC™ 60x bus protocol, include PowerPC 603, 604, 740, 750 and 8260. • Automatic bus arbitration for address bus and data bus based on internal bus request. • Separate address bus and data bus tenure with individual grant signals. • Supports address bus retry and data transfer error. • Qualified address bus grant and data bus grant through the use of bus busy sig- nals. • User specified burst data transfer and single beat data transfer. • Supports two back-end user request ports with built-in arbitration. • Efficient back-end bus for internal data transfer. • Supports bus parking. • Designed for ASIC or programmable logic device implementations in various system environments. • Fully static design with edge triggered flip-flops. • Optimized for Actel SX-A, RTSX-S, AX, and APA product families. EP201 PowerPC Bus Master FEATURES Address retry restart Product Summary PowerPC Host Bus Data tenure Address tenure Arbitration logic for user bus Dual User Interface |
Numéro de pièce similaire - EP201 |
|
Description similaire - EP201 |