| Moteur de recherche de fiches techniques de composants électroniques |
|
MC-ACT-RSENC-NET Fiches technique(PDF) 2 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
MC-ACT-RSENC-NET Fiches technique(HTML) 2 Page - Actel Corporation |
|
2 / 5 page ![]() Reed-Solomon Encoder Memec Design April 24, 2003 2 Optimized for Reed-Solomon codes are calculated in a finite field of elements, or Galois fields GF(2 m). The Galois field is defined by a primitive polynomial P(x). The degree of the primitive polynomial m defines the number of bits per data symbol (m = bits per symbol) and the maximum length of the Codeword (2 m-1=maximum Codeword length n). The generator polynomial G(x) further defines the field of Codewords that the parity symbols are derived from. MC-ACT-RSENC is a "core" logic module specifically designed for Actel FPGAs. The logic symbol of this core is shown in Figure 1. Core Deliverables • Netlist Version o Compiled RTL simulation model, compliant with the Actel Libero environment o Netlist compatible with the Actel Designer place and route tool • RTL Version o Verilog Source Code o VHDL Source Code • All o User Guide o Test Bench Synthesis and Simulation Support • Synthesis: Synplicity • Simulation: ModelSim • Other tools supported upon request Verification • Test Bench • Test Vectors MDS1028 IN_RS RST CLK RS_CALC CLKEN OUT_RS Figure 1: Logic Symbol |