Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PROASIC3E Fiches technique(PDF) 25 Page - Actel Corporation

No de pièce PROASIC3E
Description  I/O Structures in IGLOOe and ProASIC3E Devices
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

PROASIC3E Fiches technique(HTML) 25 Page - Actel Corporation

Back Button PROASIC3E Datasheet HTML 21Page - Actel Corporation PROASIC3E Datasheet HTML 22Page - Actel Corporation PROASIC3E Datasheet HTML 23Page - Actel Corporation PROASIC3E Datasheet HTML 24Page - Actel Corporation PROASIC3E Datasheet HTML 25Page - Actel Corporation PROASIC3E Datasheet HTML 26Page - Actel Corporation PROASIC3E Datasheet HTML 27Page - Actel Corporation PROASIC3E Datasheet HTML 28Page - Actel Corporation PROASIC3E Datasheet HTML 29Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
I/O Structures in IGLOOe and Pro ASIC3E Devices
v1.4
25
At the system level, the skew circuit can be used in applications where transmission activities on
bidirectional data lines need to be coordinated. This circuit, when selected, provides a timing
margin that can prevent bus contention and subsequent data loss and/or transmitter over-stress
due to transmitter-to-transmitter current shorts. Figure 17 presents an example of the skew circuit
implementation in a bidirectional communication system. Figure 18 on page 26 shows how bus
contention is created, and Figure 19 on page 26 shows how it can be avoided with the skew
circuit.
Figure 15 • Timing Diagram (option 1: bypasses skew circuit)
Figure 16 • Timing Diagram (option 2: enables skew circuit)
ENABLE (IN)
ENABLE (OUT)
Less than
0.1 ns
Less than
0.1 ns
ENABLE (IN)
ENABLE (OUT)
1.2 ns
(typical)
Less than
0.1 ns
Figure 17 • Example of Implementation of Skew Circuits in Bidirectional Transmission Systems Using IGLOO or
ProASIC3 Devices
Transmitter 1: ProASIC3 I/O
Transmitter 2: Generic I/O
ENABLE(t2)
EN (b1)
EN (b2)
Routing
Delay (t1)
Routing
Delay (t2)
EN (r1)
ENABLE (t1)
Skew or
Bypass
Skew
Bidirectional Data Bus
Transmitter
ENABLE/
DISABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37