| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC1052CS Fiches technique(PDF) 20 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1052CS Fiches technique(HTML) 20 Page - Linear Technology |
|
20 / 24 page ![]() LTC1052/LTC7652 20 1052fa PACKAGE DESCRIPTIO .050 (1.270) MAX .016 – .021** (0.406 – 0.533) .010 – .045* (0.254 – 1.143) SEATING PLANE .040 (1.016) MAX .165 – .185 (4.191 – 4.699) GAUGE PLANE REFERENCE PLANE .500 – .750 (12.700 – 19.050) .305 – .335 (7.747 – 8.509) .335 – .370 (8.509 – 9.398) DIA .200 (5.080) TYP .027 – .045 (0.686 – 1.143) .028 – .034 (0.711 – 0.864) .110 – .160 (2.794 – 4.064) INSULATING STANDOFF 45°TYP H8(TO-5) 0.200 PCD 0801 LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE AND THE SEATING PLANE FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS .016 – .024 (0.406 – 0.610) * ** PIN 1 H Package 8-Lead TO-5 Metal Can (.200 Inch PCD) (Reference LTC DWG # 05-08-1320) OBSOLETE PACKAGE |