Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT6553IGN Fiches technique(PDF) 3 Page - Linear Technology

No de pièce LT6553IGN
Description  650MHz Gain of 2 Triple Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT6553IGN Fiches technique(HTML) 3 Page - Linear Technology

  LT6553IGN Datasheet HTML 1Page - Linear Technology LT6553IGN Datasheet HTML 2Page - Linear Technology LT6553IGN Datasheet HTML 3Page - Linear Technology LT6553IGN Datasheet HTML 4Page - Linear Technology LT6553IGN Datasheet HTML 5Page - Linear Technology LT6553IGN Datasheet HTML 6Page - Linear Technology LT6553IGN Datasheet HTML 7Page - Linear Technology LT6553IGN Datasheet HTML 8Page - Linear Technology LT6553IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT6553
3
6553f
FPBW
Full Power Bandwidth 2V
VOUT = 2VP-P (Note 7)
270
400
MHz
FPBW
Full Power Bandwidth 4V
VOUT = 4VP-P (Note 7)
200
MHz
All-Hostile Crosstalk
f = 10MHz, VOUT = 2VP-P
–75
dB
f = 100MHz, VOUT = 2VP-P
–50
dB
tS
Settling Time
0.1% of VFINAL, VSTEP = 2V
6
ns
tR, tF
Small-Signal Rise and Fall Time
10% to 90%, VOUT = 200mVP-P
550
ps
dG
Differential Gain
(Note 8)
0.022
%
dP
Differential Phase
(Note 8)
0.006
Deg
HD2
2nd Harmonic Distortion
f = 10MHz, VOUT = 2VP-P
–82
dBc
HD3
3rd Harmonic Distortion
f = 10MHz, VOUT = 2VP-P
–72
dBc
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±5V, RL = 150Ω, CL = 1.5pF, VEN = 0.4V, VAGND, VDGND = 0V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: This parameter is guaranteed to meet specified performance
through design and characterization. It is not production tested.
Note 3: As long as output current and junction temperature are kept below
the Absolute Maximum Ratings, no damage to the part will occur.
Depending on the supply voltage, a heat sink may be required.
Note 4: The LT6553C is guaranteed functional over the operating
temperature range of –40
°C to 85°C.
Note 5: The LT6553C is guaranteed to meet specified performance from
0
°C to 70°C. The LT6553C is designed, characterized and expected to
meet specified performance from –40
°C and 85°C but is not tested or QA
sampled at these temperatures. The LT6553I is guaranteed to meet
specified performance from –40
°C to 85°C.
Note 6: The two supply voltage settings for power supply rejection are
shifted from the typical
±VS points for ease of testing. The first
measurement is taken at V+ = 3V, V– = –1.5V to provide the required 3V
headroom for the enable circuitry to function with EN, DGND, AGND and
all inputs connected to 0V. The second measurement is taken at V+ = 8V,
V– = –4V.
Note 7: Full power bandwidth is calculated from the slew rate:
FPBW = SR/(
π • VP-P)
Note 8: Differential gain and phase are measured using a Tektronix
TSG120YC/NTSC signal generator and a Tektronix 1780R video
measurement set. The resolution of this equipment is better than 0.05%
and 0.05
°. Nine identical amplifier stages were cascaded giving an
effective resolution of better than 0.0056% and 0.0056%.
Note 9: Slew rate is 100% production tested on the G channel. Slew rate
of the R and B channels is guaranteed through design and
characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12