Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT5511 Fiches technique(PDF) 13 Page - Linear Technology

No de pièce LT5511
Description  High Signal Level Upconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT5511 Fiches technique(HTML) 13 Page - Linear Technology

Back Button LT5511 Datasheet HTML 8Page - Linear Technology LT5511 Datasheet HTML 9Page - Linear Technology LT5511 Datasheet HTML 10Page - Linear Technology LT5511 Datasheet HTML 11Page - Linear Technology LT5511 Datasheet HTML 12Page - Linear Technology LT5511 Datasheet HTML 13Page - Linear Technology LT5511 Datasheet HTML 14Page - Linear Technology LT5511 Datasheet HTML 15Page - Linear Technology LT5511 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT5511
13
5511i
Figure 5. Test Set-Up for Mixer Measurements
POWER
SUPPLY
SPECTRUM
ANALYZER
LO SIGNAL
GENERATOR 3
RF SIGNAL
GENERATOR 1
RF SIGNAL
GENERATOR 2
DMM
LT5511
IC
10dB
PAD
LOIN
RFOUT
IFIN
T1
T2
E3
E2
E1
GND
5511 F05
POWER
SUPPLY
SW1
(OR PULSE GENERATOR
FOR TURN-ON AND
TURN-OFF MEASUREMENTS)
+
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16