Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AGLP030-V2CS289 Fiches technique(PDF) 11 Page - Actel Corporation

No de pièce AGLP030-V2CS289
Description  IGLOO PLUS Low-Power Flash FPGAs with FlashFreeze Technology
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP030-V2CS289 Fiches technique(HTML) 11 Page - Actel Corporation

Back Button AGLP030-V2CS289 Datasheet HTML 6Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 7Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 8Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 9Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 10Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 11Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 12Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 13Page - Actel Corporation AGLP030-V2CS289 Datasheet HTML 14Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
IGLOO PLUS Low-Power Flash FPGAs
v1.3
1 - 7
•
Exceptional tolerance to input period jitter—allowable input jitter is up to 1.5 ns (for PLL
only)
•
Four precise phases; maximum misalignment between adjacent phases of 40 ps × 250 MHz /
fOUT_CCC (for PLL only)
Global Clocking
IGLOO PLUS devices have extensive support for multiple clocking domains. In addition to the CCC
and PLL support described above, there is a comprehensive global clock distribution network.
Each VersaTile input and output port has access to nine VersaNets: six chip (main) and three
quadrant global networks. The VersaNets can be driven by the CCC or directly accessed from the
core via multiplexers (MUXes). The VersaNets can be used to distribute low-skew clock signals or for
rapid distribution of high-fanout nets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14