Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

COREAI-M Fiches technique(PDF) 24 Page - Actel Corporation

No de pièce COREAI-M
Description  CoreAI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAI-M Fiches technique(HTML) 24 Page - Actel Corporation

Back Button COREAI-M Datasheet HTML 17Page - Actel Corporation COREAI-M Datasheet HTML 18Page - Actel Corporation COREAI-M Datasheet HTML 19Page - Actel Corporation COREAI-M Datasheet HTML 20Page - Actel Corporation COREAI-M Datasheet HTML 21Page - Actel Corporation COREAI-M Datasheet HTML 22Page - Actel Corporation COREAI-M Datasheet HTML 23Page - Actel Corporation COREAI-M Datasheet HTML 24Page - Actel Corporation COREAI-M Datasheet HTML 25Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
CoreAI
24
v2.0
Ordering Information
Order CoreAI through your local Actel sales representative. Use the following naming convention when ordering:
CoreAI-XX, where XX is listed in Table 34.
Datasheet Categories
In order to provide the latest information to designers, some datasheets are published before data has been fully
characterized. Datasheets are designated as "Product Brief," "Advanced," and "Production." The definitions of these
categories are as follows:
Product Brief
The product brief is a summarized version of an advanced or production datasheet containing general product
information. This brief summarizes specific device and family information for unreleased products.
Advanced
This datasheet version contains initial estimated information based on simulation, other products, devices, or speed
grades. This information can be used as estimates, but not for production.
Unmarked (production)
This datasheet version contains information that is considered to be final.
Table 34 • Ordering Codes
Traditional (FTP) Delivery
CoreConsole Delivery
EV
Evaluation version
Evaluations included with CoreConsole
SN
Single use netlist
OC
Obfuscated RTL – 1 year license
AN
Multiple use netlist
OM
Obfuscated RTL – multiple use license
SR
Single use RTL
RC
RTL source – 1 year license
AR
Multiple use RTL
RM
RTL source – multiple use license
UR
Unrestricted technology (on request)
UG
Upgrade
M
Maintenance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25