| Moteur de recherche de fiches techniques de composants électroniques |
|
COREAPB3 Fiches technique(PDF) 3 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
COREAPB3 Fiches technique(HTML) 3 Page - Actel Corporation |
|
3 / 5 page ![]() CoreAPB3 v2.1 3 Connecting CoreAPB3 in CoreConsole Table 1 lists the ports present on the APB bus and describes how to connect these in CoreConsole. Utilization The utilization for CoreAPB3 in a Fusion, IGLOO, ProASIC3L, ProASIC3, or ProASIC3E device is 580 tiles when attached to 16 APB slave devices. The utilization in a ProASICPLUS device is 640 tiles for the same configuration. Both these numbers assume the use of typical synthesis conditions. Ordering Information The obfuscated RTL version of SysBASIC (SysBASIC-OC) is available for free with CoreConsole. The source RTL version of SysBASIC (SysBASIC-RM) can be ordered through your local Actel sales representative. CoreAPB3 cannot be ordered separately from the SysBASIC core bundle. Table 1 • APB Bus Connections Connection CoreConsole Label Description Required Connections APB3 mirrored master interface APB3mmaster This interface connects to the APB3master interface of CoreAHBtoAPB3. Optional Connections APBmslave0 APB mirrored slave 0 interface APBmslave1 APB mirrored slave 1 interface APBmslave2 APB mirrored slave 2 interface APBmslave3 APB mirrored slave 3 interface APBmslave4 APB mirrored slave 4 interface APBmslave5 APB mirrored slave 5 interface APBmslave6 APB mirrored slave 6 interface APBmslave7 APB mirrored slave 7 interface APBmslave8 APB mirrored slave 8 interface APBmslave9 APB mirrored slave 9 interface APBmslave10 APB mirrored slave 10 interface APBmslave11 APB mirrored slave 11 interface APBmslave12 APB mirrored slave 12 interface APBmslave13 APB mirrored slave 13 interface APBmslave14 APB mirrored slave 14 interface APBmslave15 APB mirrored slave 15 interface |