Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

COREDES-SN Fiches technique(PDF) 7 Page - Actel Corporation

No de pièce COREDES-SN
Description  CoreDES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation

COREDES-SN Fiches technique(HTML) 7 Page - Actel Corporation

Back Button COREDES-SN Datasheet HTML 3Page - Actel Corporation COREDES-SN Datasheet HTML 4Page - Actel Corporation COREDES-SN Datasheet HTML 5Page - Actel Corporation COREDES-SN Datasheet HTML 6Page - Actel Corporation COREDES-SN Datasheet HTML 7Page - Actel Corporation COREDES-SN Datasheet HTML 8Page - Actel Corporation COREDES-SN Datasheet HTML 9Page - Actel Corporation COREDES-SN Datasheet HTML 10Page - Actel Corporation COREDES-SN Datasheet HTML 11Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CoreDES
v4.0
7
Decryption
To begin the process of decrypting data, the following
inputs are set:
1. K[1:64] is set to the cipher key (ck1 in Figure 7) to
decrypt the data.
2. D[1:64] is set to the ciphertext data (d1 in Figure 7)
to be decrypted.
3. ED is set to logic '0'.
4. EN is set to logic '1'.
After 16 clock cycles of the EN input being held
continuously at a logic '1' value, the QVAL signal will
transition from logic '0' to logic '1' and remain valid for
one
clock
cycle,
indicating
that
valid
plaintext
(unencrypted data shown as q1 Figure 7) is available on
the Q[1:64] outputs.
Figure 7 • Example Decryption Sequence
CLK
K[1:64]
D[1:64]
ED
EN
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
cycle
Q[1:64]
QVAL
q1
ck1
d1
Don't care
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12