| Moteur de recherche de fiches techniques de composants électroniques |
|
LT3751EUFD Fiches technique(PDF) 23 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT3751EUFD Fiches technique(HTML) 23 Page - Linear Technology |
|
23 / 28 page ![]() LT3751 23 3751f APPLICATIONS INFORMATION Board Layout The high voltage operation of the LT3751 demands careful at- tention to the board layout, observing the following points: 1. Minimize the area of the high voltage end of the second- ary winding. 2. Provide sufficient spacing for all high voltage nodes (NMOS drain, VOUT and secondary winding of the transformer) in order to meet the breakdown voltage requirements. 3. Keep the electrical path formed by CVTRANS, the primary of T1, and the drain of the NMOS as short as possible. Increasing the length of this path effectively increases the leakage inductance of T1, potentially resulting in an overvoltage condition on the drain of the NMOS. 4. Reduce the total node capacitance on the RVOUT and RDCM pins by removing any ground or power planes underneath the RDCM and RVOUT pads and traces. Parasitic capacitance can cause unwanted behavior on these pins. 5. Thermal vias should be added underneath the Exposed Pad, Pin 21, to enhance the LT3751’s thermal perfor- mance. These vias should go directly to a large area of ground plane. 6. Isolated applications require galvanic separation of the output-side ground and primary-side ground. Adequate spacing between both ground planes is needed to meet voltage safety requirements. |