Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS80C52X2-LCAR Fiches technique(PDF) 21 Page - TEMIC Semiconductors

No de pièce TS80C52X2-LCAR
Description  8-bit CMOS Microcontroller 0-60 MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEMIC [TEMIC Semiconductors]
Site Internet  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C52X2-LCAR Fiches technique(HTML) 21 Page - TEMIC Semiconductors

Back Button TS80C52X2-LCAR Datasheet HTML 17Page - TEMIC Semiconductors TS80C52X2-LCAR Datasheet HTML 18Page - TEMIC Semiconductors TS80C52X2-LCAR Datasheet HTML 19Page - TEMIC Semiconductors TS80C52X2-LCAR Datasheet HTML 20Page - TEMIC Semiconductors TS80C52X2-LCAR Datasheet HTML 21Page - TEMIC Semiconductors TS80C52X2-LCAR Datasheet HTML 22Page - TEMIC Semiconductors TS80C52X2-LCAR Datasheet HTML 23Page - TEMIC Semiconductors TS80C52X2-LCAR Datasheet HTML 24Page - TEMIC Semiconductors TS80C52X2-LCAR Datasheet HTML 25Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
Rev. B - Jan. 25, 1999
21
Preliminary
TS80C52X2
6.4.5 Reset Addresses
On reset, the SADDR and SADEN registers are initialized to 00h, i.e. the given and broadcast addresses are XXXX
XXXXb
(all don’t-care bits). This ensures that the serial port will reply to any address, and so, that it is backwards
compatible with the 80C51 microcontrollers that do not support automatic address recognition.
SADEN - Slave Address Mask Register (B9h)
Reset Value = 0000 0000b
Not bit addressable
SADDR - Slave Address Register (A9h)
Reset Value = 0000 0000b
Not bit addressable
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54