| Moteur de recherche de fiches techniques de composants électroniques |
|
VDZ Fiches technique(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
VDZ Fiches technique(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
|
1 / 2 page ![]() SMD Type Diodes www.kexin.com.cn 1 Zener Diodes VDZ Series Features Ultra Small mold type. High reliability. Absolute Maximum Ratings (Ta = 25 ) Parameter Symbol Rating Unit Power dissipation P 100 mW Jumction temperature Tj 150 Storage temperature Tstg -55to+150 Operating temperature Topr -55to+150 Electrical Characteristics (Ta = 25 ) Min. Max. IZ (mA) Max. IZ (mA) Max. IZ (mA) Max. VR (V) VDZ3.6B 62 3.600 3.845 5.0 100 5.0 1000 1 10 1.0 VDZ3.9B 72 3.89 4.16 5.0 100 5.0 1000 1 5 1.0 VDZ4.3B 82 4.17 4.43 5.0 100 5.0 1000 1 5 1.0 VDZ4.7B 92 4.55 4.75 5.0 100 5.0 800 0.5 2.0 1.0 VDZ5.1B A2 4.98 5.20 5.0 80 5.0 500 0.5 2.0 1.5 VDZ5.6B C2 5.49 5.73 5.0 60 5.0 200 0.5 1.0 2.5 VDZ6.2B E2 6.06 6.33 5.0 60 5.0 100 0.5 1.0 3.0 VDZ6.8B F2 6.65 6.93 5.0 40 5.0 60 0.5 0.5 3.5 VDZ7.5B H2 7.28 7.60 5.0 30 5.0 60 0.5 0.5 4.0 VDZ8.2B J2 8.02 8.36 5.0 30 5.0 60 0.5 0.5 5.0 VDZ9.1B L2 8.85 9.23 5.0 30 5.0 60 0.5 0.5 6.0 VDZ10B 05 9.77 10.21 5.0 30 5.0 60 0.5 0.1 7.0 Rising operating resistance ZZK ( ) Reverse current IR ( A) Type Zener voltage VZ (V) Operating resistance ZZ ( ) Marking |
Numéro de pièce similaire - VDZ |
|
Description similaire - VDZ |