| Moteur de recherche de fiches techniques de composants électroniques |
|
HE6HWPR/02 Fiches technique(PDF) 3 Page - Altech corporation |
|
|
|||||||||||||||||||||||||||||
HE6HWPR/02 Fiches technique(HTML) 3 Page - Altech corporation |
|
3 / 10 page ![]() FEED-THROUGH FLAT BASE EUROSTRIPS Panel Mount For wire-to-wire connections in HVAC, appliance, equipment, power distribution and other industrial applications with strict budget and space require- ments. Easy to use double row terminal strips are a cost-effec- tive alternative to barrier strips or other types of terminal blocks. Simply strip the wire, insert and tighten the screw. Eurostrips feature tubular screw clamps, with wire protec- tors, and recessed metal parts for finger protection. The stain- less steel wire protectors exhib- it excellent memory and the most effective connection. Eurostrips described on this and the following page are available with a flat base for minimum clearance applica- tions. They can be panel mount- ed or left to free float. Offered in easy to cut standard 12 pole strips, they can also be ordered precut with the required num- ber of poles. • Tubular screw clamp • Panel mount or free float • Housing material: polyamide 6.6 • Color: opaque white • Marking plates or factory imprinted application 10 mm 3.6 mm 6 mm 2.5-4 mm2 24-10 AWG 400V 300 V 10 A 30 A 0.8 Nm 7.0 lb-in Cat. No. Std. Pk. HE4WPR/02 100 HE4WPR/03 100 HE4WPR/04 100 HE4WPR/05 100 HE4WPR/06 50 HE4WPR/07 50 HE4WPR/08 50 HE4WPR/09 50 HE4WPR/10 50 HE4WPR/11 50 HE4WPR/12 50 8 mm 3 mm 5 mm 1-2.5 mm2 24-12 AWG 400 V 300 V 6 A 20 A 0.5 Nm 4.4 lb-in Cat. No. Std. Pk. HE1WPR/02 100 HE1WPR/03 100 HE1WPR/04 100 HE1WPR/05 100 HE1WPR/06 50 HE1WPR/07 50 HE1WPR/08 50 HE1WPR/09 50 HE1WPR/10 50 HE1WPR/11 50 HE1WPR/12 50 HE1 HE4 Pole Spacing Mounting Hole Diameter Stripping Length Approvals Wire Range Voltage Rating Current Rating Torque No. of Poles 2 3 4 5 6 7 8 9 10 11 12 Flat base with wire protector Flat base with wire protector Dimensions mm A= 8.0 H= Ø2.8 B= M2.6 I= 2.8 C= 5.2 J= 6.5 D= 2.8 K= 6.5 E= Ø3 L= 94 (12 pole) F= Ø5 M= 12.2 G = 8.0 N = 16.2 Dimensions mm A= 10.0 H= Ø3.6 B= M3 I= 3.2 C= 6.4 J= 8.5 D= 3.5 K= 7.9 E= Ø3.6 L= 117 (12 pole) F= Ø5.7 M= 14.9 G = 10.0 N = 20.0 Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com 82 E211022 E211022 |