Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS31 Fiches technique(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce BAS31
Description  General Purpose Controlled Avalanche Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAS31 Fiches technique(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  BAS31 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAS31 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BAS31 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd BAS31 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Type
Diodes
www.kexin.com.cn
3
KAS29/KAS31/KAS35
(BAS29/BAS31/BAS35)
Typlcal Characteristics
Device mounted on an FR4 printed-circuit board.
(1) Single diode loaded.
(2) Double diode loaded.
Fig.1 Maximum Permissible Continuous Forward
Current as a Function Of Ambient Temperature.
Fig.2 Forward Current as a Function of
Forward Voltage.
Based on square wave currents.
Tj = 25 °C prior to surge.
Fig.3 Maximum permissible non-repetitive peak forward current as a function of pulse duration.
(1) Tj = 150
;typical values.
(2) Tj = 25
; typical values.
(3) Tj = 25
; maximum values.



Html Pages

1 2 3 4