Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PR1JJS Fiches technique(PDF) 2 Page - MTRONPTI

No de pièce PR1JJS
Description  Surface Mount Crystals 3.5 x 6.0 x 1.2 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MTRONPTI [MTRONPTI]
Site Internet  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

PR1JJS Fiches technique(HTML) 2 Page - MTRONPTI

  PR1JJS Datasheet HTML 1Page - MTRONPTI PR1JJS Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
MtronPTI Lead Free Solder Profile



Html Pages

1 2