Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431ZP Fiches technique(PDF) 10 Page - IK Semicon Co., Ltd

No de pièce TL431ZP
Description  Programmable Precision Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IKSEMICON [IK Semicon Co., Ltd]
Site Internet  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

TL431ZP Fiches technique(HTML) 10 Page - IK Semicon Co., Ltd

Back Button TL431ZP Datasheet HTML 6Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 7Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 8Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 9Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 10Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 11Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 12Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 13Page - IK Semicon Co., Ltd TL431ZP Datasheet HTML 14Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TL431Z
Figure 31. Simplified TL431Z Device Model
Figure 32. Example 1
Circuit Open Loop Gain Plot
Figure 33. Example 2
Circuit Open Loop Gain Plot
Example 2.
IC = 7.5 mA, RL = 2.2 kΩ, CL = 0.01 µF.
Cathode tied to reference input pin. An examination of
the data sheet stability boundary curve (Figure 15)
shows that this value of load capacitance and cathode
current is on the boundary. Define the transfer gain.
The DC gain is:
G = GMRGMGoRL =
(2.323)(1.0 M)(1.25 µ)(2200) = 6389 = 76 dB
The resulting open loop Bode plot is shown in Figure
33. The asymptotic plot may be expressed as the
following equation:
Note that the transfer function now has an extra pole
formed by the load capacitance and load resistance.
Note that the crossover frequency in this case is about
250 kHz, having a phase margin of about –46 degrees.
Therefore, instability of this circuit is likely.
With three poles, this system is unstable. The only hope for
stabilizing this circuit is to add a zero. However, that can
only be done by adding a series resistance to the output
capacitance, which will reduce its effectiveness as a noise
filter.
Therefore,
practically,
in
reference
voltage
applications, the best solution appears to be to use a
smaller value of capacitance in low noise applications or a
very large value to provide noise filtering and a dominant
pole rolloff of the system.
Rev. 01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com