| Moteur de recherche de fiches techniques de composants électroniques |
|
BHR50HTB Fiches technique(PDF) 1 Page - Adam Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
BHR50HTB Fiches technique(HTML) 1 Page - Adam Technologies, Inc. |
|
|
1 / 1 page ![]() Adam Technologies, Inc. 909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM 257 909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM .100" BOX HEADERS .100" X .100" [2.54 X 2.54] CENTERLINE BHR SERIES INTRODUCTION: Adam Tech BHR Series .100" Box Headers are a dual row shrouded header for use with dual row IDC female socket connectors. Our low profile, space saving design has a center slot for the socket’s polarization bump. Adam Tech’s Box Headers are available in Straight PCB Mount, Right Angle PCB Mount and SMT Mounting. Plating options include choice of Gold, Tin or Selective Gold. SMT versions are manufactured with a Hi-Temp insulator. Additional options include latches and custom pin lengths. FEATURES: Superior low profile design Slot for IDC socket Polarization bump Straight PCB, Right Angle PCB and SMT versions Gold, Tin or Selective Gold plating Options include Elevated types and integral latches Hi-Temp insulator available MATING SOCKETS: Adam Tech .100" X .100" dual row IDC sockets SPECIFICATIONS: Material: Insulator: PBT, glass reinforeced, rated UL94V-0 Optional Hi-Temp insulator: Nylon 6T, rated UL94V-0 Insulator Color: Black (Gray optional) Contacts: Brass Plating: U = Gold flash (30u” optional) over nickel underplate SG = Gold flash (30u” optional) over nickel underplate on contact area, tin over copper underplate on tails. T = Tin over copper underplate overall Electrical: Operating voltage: 250V AC max. Current rating: 1 Amp max Contact resistance: 20 m Ω max. initial Insulation resistance: 5000 M Ω min. Dielectric withstanding voltage: 1000V AC for 1 minute Mechanical: Mating durability: 500 cycles min. Temperature Rating: Operating temperature: -55°C to +105°C PACKAGING: Anti-ESD plastic trays SAFETY AGENCY APPROVALS: UL Recognized File No. E224053 CSA Certified File No. LR1578596 OPTIONS: Add designator(s) to end of part number LL =Box header with long latches SL =Box header with short latches 30 = 30 µin gold plating in contact area GY=Gray color insulator HT = Hi-Temp insulator for Hi-Temp soldering processes up to 260°C (Add this option for thru-hole products only. All SMT products are manufactured with Hi-Temp insulators) ORDERING INFORMATION BHR 50 V U SERIES INDICATOR BHR = .100" Box Header NO. OF POSITIONS 08, 10, 14, 16, 20, 24, 26, 30, 34, 40, 44, 50, 60, 64 CONTACT PLATING U = Gold Plated T = Tin Plated SG = Gold Plating in contact area, tin plated tails PIN LENGTH A = Standard solder tail B = Special length, customer specified SMT = Surface Mount MOUNTING ORIENTATION V = Straight Mount H = Right Angle Mount A ® ® V D E UL ® RoHS COMPLIANT 2002 / 95 / EC 2002 / 95 / EC Pb RoHS COMPLIANT HI-TEMP INSULATOR A V A I L A B L E |
Numéro de pièce similaire - BHR50HTB |
|
Description similaire - BHR50HTB |