| Moteur de recherche de fiches techniques de composants électroniques |
|
SCG2000I Fiches technique(PDF) 6 Page - Connor-Winfield Corporation |
|
|
|||||||||||||||||||||||||||||
SCG2000I Fiches technique(HTML) 6 Page - Connor-Winfield Corporation |
|
6 / 16 page ![]() Data Sheet #: SG048 Page 6 of 16 Rev: P02 Date: 10 / 28 / 02 © Copyright 2002 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice Input Reference Selection Table 9 Input Sel A Input Sel B Reference Frequency (Pin #14) (Pin #13) (Pin #8) 0 0 8 kHz (default) 1 0 16 kHz (Not available w/ 125.0 MHz output) Reference and Output Availability Table 10 Input Reference Oscillator Output Reference Output (Pin #8) (Pin #9) (Pin #1) 8 kHz 19.44 MHz 8 kHz 16 kHz 16 kHz 8 kHz 125.0 MHz 8 kHz |