| Moteur de recherche de fiches techniques de composants électroniques |
|
M223FCN Fiches technique(PDF) 1 Page - MTRONPTI |
|
|
|||||||||||||||||||||||||||||
M223FCN Fiches technique(HTML) 1 Page - MTRONPTI |
|
1 / 2 page ![]() MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800. M2 Series 5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator NOTE: A capacitor of value 0.01 µF or greater between Vdd and Ground is recommended. Pin Connections Revision:6-17-08 DENOTES PIN 1 |
Numéro de pièce similaire - M223FCN |
|
Description similaire - M223FCN |