Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HSMS-2829 Fiches technique(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HSMS-2829
Description  Surface Mount RF Schottky Barrier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-2829 Fiches technique(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-2829 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HSMS-282x
Surface Mount RF Schottky Barrier Diodes
Data Sheet
Description/Applications
These Schottky diodes are specifically designed for both
analog and digital applications. This series offers a wide
range of specifications and package configurations to give
the designer wide flexibility. Typical applications of these
Schottky diodes are mixing, detecting, switching, sam‑
pling, clamping, and wave shaping. The HSMS‑282x series
of diodes is the best all‑around choice for most applica‑
tions, featuring low series resistance, low forward voltage
at all current levels and good RF characteristics.
Note that Avago’s manufacturing techniques assure that
dice found in pairs and quads are taken from adjacent
sites on the wafer, assuring the highest degree of match.
Package Lead Code Identification,
SOT-23/SOT-143 (Top View)
COMMON
CATHODE
#4
UNCONNECTED
PAIR
#5
COMMON
ANODE
#3
SERIES
#2
SINGLE
#0
1
2
3
1
2
3
4
RING
QUAD
#7
1
2
3
4
BRIDGE
QUAD
#8
1
2
3
4
CROSS-OVER
QUAD
#9
1
2
3
4
1
2
3
1
2
3
1
2
3
Package Lead Code Identification, SOT-323
(Top View)
Package Lead Code Identification, SOT-363
(Top View)
COMMON
CATHODE
F
COMMON
ANODE
E
SERIES
C
SINGLE
B
COMMON
CATHODE QUAD
M
UNCONNECTED
TRIO
L
BRIDGE
QUAD
P
COMMON
ANODE QUAD
N
RING
QUAD
R
1
2
3
6
5
4
HIGH ISOLATION
UNCONNECTED PAIR
K
1
2
3
6
5
4
1
2
3
6
5
4
1
2
3
6
5
4
1
2
3
6
5
4
1
2
3
6
5
4
Features
• Low Turn‑On Voltage (As Low as 0.34 V at 1 mA)
• Low FIT (Failure in Time) Rate*
• Six‑sigma Quality Level
• Single, Dual and Quad Versions
• Unique Configurations in Surface Mount SOT‑363
Package
– increase flexibility
– save board space
– reduce cost
• HSMS‑282K Grounded Center Leads Provide up to 10
dB Higher Isolation
• Matched Diodes for Consistent Performance
• Better Thermal Conductivity for Higher Power Dissipation
• Lead‑free Option Available
• For more information see the Surface Mount Schottky
Reliability Data Sheet.


Numéro de pièce similaire - HSMS-2829

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HSMS-2829 HP-HSMS-2829 Datasheet
212Kb / 14P
Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2829 AVAGO-HSMS-2829 Datasheet
1Mb / 15P
Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-2829 BOARDCOM-HSMS-2829 Datasheet
1Mb / 15P
Surface Mount RF Schottky Barrier Diodes
logo
Agilent(Hewlett-Packard...
HSMS-2829-BLK HP-HSMS-2829-BLK Datasheet
209Kb / 14P
Surface Mount RF Schottky Barrier Diodes
HSMS-2829-BLK HP-HSMS-2829-BLK Datasheet
212Kb / 14P
Surface Mount RF Schottky Barrier Diodes
More results

Description similaire - HSMS-2829

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HSMS-281X HP-HSMS-281X Datasheet
147Kb / 10P
Surface Mount RF Schottky Barrier Diodes
HSMS-282X HP-HSMS-282X Datasheet
212Kb / 14P
Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281B-BLKG AVAGO-HSMS-281B-BLKG Datasheet
457Kb / 10P
Surface Mount RF Schottky Barrier Diodes
HSMS-2813 AVAGO-HSMS-2813 Datasheet
457Kb / 10P
Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-280M BOARDCOM-HSMS-280M Datasheet
196Kb / 10P
Surface Mount RF Schottky Barrier Diodes
HSMS-280P BOARDCOM-HSMS-280P Datasheet
196Kb / 10P
Surface Mount RF Schottky Barrier Diodes
HSMS-2803 BOARDCOM-HSMS-2803 Datasheet
196Kb / 10P
Surface Mount RF Schottky Barrier Diodes
HSMS-2804 BOARDCOM-HSMS-2804 Datasheet
196Kb / 10P
Surface Mount RF Schottky Barrier Diodes
HSMS-2805 BOARDCOM-HSMS-2805 Datasheet
196Kb / 10P
Surface Mount RF Schottky Barrier Diodes
HSMS-2813 BOARDCOM-HSMS-2813 Datasheet
457Kb / 10P
Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com