| Moteur de recherche de fiches techniques de composants électroniques |
|
XC6416 Fiches technique(PDF) 11 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC6416 Fiches technique(HTML) 11 Page - Torex Semiconductor |
|
11 / 30 page ![]() 11/30 XC6416 Series ●測定回路① ●測定回路② ●測定回路③ V EN1 EN2 VIN VSS VOUT1 VOUT2 CIN (ceramic) CL (ceramic) CL (ceramic) A GO V EN1 EN2 VIN VSS VOUT1 VOUT2 V A V A CIN (ceramic) CL (ceramic) CL (ceramic) IOUT1 IOUT2 A A A GO V EN1 EN2 VIN VSS VOUT1 VOUT2 V A V A CL (ceramic) CL (ceramic) IOUT1 IOUT2 GO A A IOUT1 IOUT2 ■TEST CIRCUITS ■TEST CIRCUITS ●Circuit ① ●Circuit ② ●Circuit ③ *XC6416Ax/xA/Bx/xB/Ex/xE/Fx/xF do not have GO pin so that the test circuits ①∼③ are different from the figures in this page. |