Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320DM335 Fiches technique(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320DM335
Description  Digital Media System-on-Chip (DMSoC) Silicon Revision 1.1
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Fiches technique(HTML) 21 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 17Page - Texas Instruments TMS320DM335 Datasheet HTML 18Page - Texas Instruments TMS320DM335 Datasheet HTML 19Page - Texas Instruments TMS320DM335 Datasheet HTML 20Page - Texas Instruments TMS320DM335 Datasheet HTML 21Page - Texas Instruments TMS320DM335 Datasheet HTML 22Page - Texas Instruments TMS320DM335 Datasheet HTML 23Page - Texas Instruments TMS320DM335 Datasheet HTML 24Page - Texas Instruments TMS320DM335 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
www.ti.com
Advisory 1.1.10 — VPBE: VENC Default Luma Interpolation Filter Does Not Clip to Zero
Advisory 1.1.10
VPBE: VENC Default Luma Interpolation Filter Does Not Clip to Zero
Revision(s) Affected
1.1
Details
The Video Encoder (VENC) in the VPBE subsystem includes an optional 2x interpolation
function for the luma signal. The default filter used for this interpolation (VMISC.YUPF =
0) does not clip the Luma to zero.
Workaround(s)
Do not use the default luma 2x interpolation filter (VMISC.YUPF = 0). Instead, use the
alternate luma 2x interpolation filter (VMISC.YUPF = 1).
SPRZ287A – July 2008 – Revised October 2008
TMS320DM335 Digital Media System-on-Chip (DMSoC)
21
Silicon Revision 1.1
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26