| Moteur de recherche de fiches techniques de composants électroniques |
|
WARP20 Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
WARP20 Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 28 page ![]() OFF-LINE AUTO-BOOT PHASE TIMING OFL READY ENDOFL O0-O11 I0-I7 INP 0 INP 1 ADDR 0 INP N ADDR 1 ADDR N T 1 T 2 T 3 T 3 AUTO DATA OUT ADDRESS INPUT OE I0-I7 PRE SET OE READY AUTO OFL MCLK ENDOFL O0-O11 W.A.R.P. 2.0 MEMORY HIGH LOW HIGH SIS0-SIS 2 se e ta ble 2 12 8 Figure 24. Off-Line Auto-Boot typical Application Symbol Mode Parameter Min Typ Max Unit T1 Off-Line Auto-Boot OFL High to Address Valid 3 Clock Pulses T2 Off-Line Auto-Boot Address Valid to Input Sampling 8 Clock Pulses T3 (1) Off-Line Auto-Boot Address Valid to next Address Valid 16 32 Clock Pulses Note: 1. see Table 2. Table 11. Off-Line Auto-Boot Timing Parameters 19/28 W.A.R.P.2.0 |