Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WARP11 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce WARP11
Description  WEIGHT ASSOCIATIVE RULE PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WARP11 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button WARP11 Datasheet HTML 11Page - STMicroelectronics WARP11 Datasheet HTML 12Page - STMicroelectronics WARP11 Datasheet HTML 13Page - STMicroelectronics WARP11 Datasheet HTML 14Page - STMicroelectronics WARP11 Datasheet HTML 15Page - STMicroelectronics WARP11 Datasheet HTML 16Page - STMicroelectronics WARP11 Datasheet HTML 17Page - STMicroelectronics WARP11 Datasheet HTML 18Page - STMicroelectronics WARP11 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
W.A.R.P. Application Development Board
The board has been designed to be connected to
the RS232 port of an IBM PC 386 (or higher), but
it can also work stand alone. Inputs and outputs are
provided at TTL compatible level. The board allows
the user to charge the rules and the membership
functions (see W.A.R.P.-SDT User Manual) into the
W.A.R.P. memories.
It can manage up to 16 inputs and 16 outputs.
The clock generatorfrequency on board is 24MHz.
An automatic trigger is used to synchronize
W.A.R.P. with the external environment (working
connected with a PC).
When the board is used as a stand alone device all
the fuzzy data (membership functions and rules)
are stored in EPROMs. The board allows the stand-
alone/PC working to be selected by setting a switch
(see W.A.R.P.-SDT User Manual). A block diagram
of the board is described in figure 12.
Figure 12. Board Block Diagram
16/15
16/19
W.A.R.P.1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19