Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMP1617CC4 Fiches technique(PDF) 9 Page - FIDELIX

No de pièce FMP1617CC4
Description  1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FIDELIX [FIDELIX]
Site Internet  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP1617CC4 Fiches technique(HTML) 9 Page - FIDELIX

Back Button FMP1617CC4 Datasheet HTML 4Page - FIDELIX FMP1617CC4 Datasheet HTML 5Page - FIDELIX FMP1617CC4 Datasheet HTML 6Page - FIDELIX FMP1617CC4 Datasheet HTML 7Page - FIDELIX FMP1617CC4 Datasheet HTML 8Page - FIDELIX FMP1617CC4 Datasheet HTML 9Page - FIDELIX FMP1617CC4 Datasheet HTML 10Page - FIDELIX FMP1617CC4 Datasheet HTML 11Page - FIDELIX FMP1617CC4 Datasheet HTML 12Page - FIDELIX  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
FMP1617CCx
CMOS LPRAM
Revision 0.1
Jun. 2006
9
1. A write occurs during the overlap (tWP) of low /CS and /WE. A write begins when /CS goes low and /WE goes low with
asserting /UB or /LB for single byte operation or simultaneously asserting /UB and /LB for double byte operation. A write
ends at the earliest transition when /CS goes high and /WE goes high. The tWP is measured from the beginning of write to
the end of write.
2. tCW is measured from the /CS going low to end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end of write to the address change. tWR applied in case a write ends as /CS or /WE going high.
5. Do not access device with cycle timing shorter than tRC(tWC) for continuous periods > 20us.
6. In case page address is over 3ns, write to the invalid address can occur.
PAGE WRITE CYCLE (Address controlled, /ZZ=VIH)
A4~A20
/CS
/UB, /LB
/WE
Data Out
tAS(3)
High-Z
Data Undefined
Data Valid
tDW
tOW
tWHZ
Data in
A0~A3
tWC
tPC
tPC
tPC
tPC
tPC
tPC
tPC
High-Z
tDH
Data Valid
tDH
tDW
tDH
tDW
tDH tDW tDH
tDW
tDH tDW
tDH
tDW
tDH
tDW
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
tMRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12