| Moteur de recherche de fiches techniques de composants électroniques |
|
FMP3217BA0 Fiches technique(PDF) 7 Page - FIDELIX |
|
|
|||||||||||||||||||||||||||||
FMP3217BA0 Fiches technique(HTML) 7 Page - FIDELIX |
|
7 / 10 page ![]() FMP3217BA0(7) CMOS LPRAM Revision 0.2 Feb. 2007 7 READ CYCLE (1) (Address controlled,/CS1=/OE=VIL, CS2=/WE=VIH, /UB or/and /LB=VIL) Address Data Out tRC Previous Data Valid Data Valid tAA tOH READ CYCLE (2) (CS2=/WE=VIH) 1. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output voltage levels. 2. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to device interconnection. 3. Do not access device with cycle timing shorter than tRC(tWC) for continuous periods > 20us. Address tAA tCO tOH tHZ /CS1 tRC tBA tOE tOLZ tBLZ tLZ Data Valid High-Z tBHZ tOHZ /UB, /LB /OE Data Out CS2 1. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output voltage levels. 2. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to device interconnection. 3. Do not access device with cycle timing shorter than tRC(tWC) for continuous periods > 20us. 4. In case page address skew is over 3ns, tPAA will be out of spec. PAGE READ CYCLE (CS2=/WE=VIH, 16 words access) A0~A3 tAA tCO tBA tOE High-Z tHZ tBHZ tOHZ /CS1 /UB, /LB /OE Data Out tRC A4~A20 tOH tPC tPC tPC tPC tPC tPC tPC tPAA tPAA tPAA tPAA tPAA tPAA tPAA tLZ tBLZ tOLZ Data Valid Data Valid Data Valid Data Valid Data Valid Data Valid Data Valid Data Valid tMRC CS2 |